Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6407AF Datasheet(PDF) 5 Page - Rohm

Part # BA6407AF
Description  2-phase half-wave motor driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6407AF Datasheet(HTML) 5 Page - Rohm

  BA6407AF Datasheet HTML 1Page - Rohm BA6407AF Datasheet HTML 2Page - Rohm BA6407AF Datasheet HTML 3Page - Rohm BA6407AF Datasheet HTML 4Page - Rohm BA6407AF Datasheet HTML 5Page - Rohm BA6407AF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
704
Motor driver ICs
BA6407AF
FOperation notes
(1)
Thermal shutdown circuit
The IC has a built-in thermal shutdown circuit. There is
a temperature difference of 25
_C (typical) between the
temperatures at which the circuit is activated and deacti-
vated.
(2)
Power dissipation
Power consumed in the IC can be calculated from the fol-
lowing equation :
PC=PC1
)PC2)PC3
PC1 is power consumed by the supply current.
PC1=VCC
ICC
PC2 is the output current consumption.
PC2=VOL
IO
VOL is the LOW level voltage of output pins 1 and 2.
PC3 is power consumed by the AL pin.
PC3=VALL
IAL
where VALL is the AL-pin LOW level voltage and IAL is the
AL-pin sink current. Make sure that your application does
not exceed the allowable power dissipation of the IC.
(3)
Hall amplifier input voltage
The Hall current is given by:
where RH is the hall device impedance.
The R1 and R2 resistances must be set so as to maintain
the Hall amplifier input bias voltage within the range of 1V
to (VCC
*2V) including the signal amplitude. It is recom-
mended that the same value be used for both resistors
so that the Hall device output signal is centered around
VCC /2.
The Hall device may be affected by power supply noise
due to the PCB conductor pattern. If you have this prob-
lem, insert a capacitor C1 as shown in Fig. 5.
If the conductor lines from the Hall device output termi-
nals to the Hall inputs of the IC are particularly long, noise
can be picked up and fed into the inputs. If you have this
problem, insert a capacitor C2 as shown in Fig. 5. Note
that the Hall inputs have no hysteresis in this IC.
Fig.3
R1
)R2)RH
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com