Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6477FS Datasheet(PDF) 7 Page - Rohm

Part # BA6477FS
Description  FDD spindle motor driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6477FS Datasheet(HTML) 7 Page - Rohm

Back Button BA6477FS Datasheet HTML 3Page - Rohm BA6477FS Datasheet HTML 4Page - Rohm BA6477FS Datasheet HTML 5Page - Rohm BA6477FS Datasheet HTML 6Page - Rohm BA6477FS Datasheet HTML 7Page - Rohm BA6477FS Datasheet HTML 8Page - Rohm BA6477FS Datasheet HTML 9Page - Rohm BA6477FS Datasheet HTML 10Page - Rohm BA6477FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
538
Motor driver ICs
BA6477FS
FCircuit operation
(1)
Motor drive circuit
The motor driver is based on a 3-phase, full-wave soft
switching, current drive system in which the position of
rotor is sensed by Hall elements. The total drive current
of motor is sensed by a small resistor (RNF) and regulated
through a voltage comparison. The IC consists of Hall
amplifiers, an amplitude control circuit, a driver, an error
amplifier, and a current feedback amplifier (Fig. 1).
The waveforms of different steps along the signal path
from the Hall elements to the motor driver output are
shown in Fig. 2. The Hall amplifiers receive the Hall ele-
ments voltage signals as differential signals. Next, by de-
ducting the voltage signal of Hall elements 2 from the
voltage signal of Hall elements 1, current signal H1,
which has a phase 30 degrees ahead of Hall elements 1,
is created. Current signals H2 and H3 are created like-
wise. The amplitude control circuit then amplifies the H1,
H2, and H3 signal according to the current feedback am-
plifier signal. Then, drive current signals are produced at
A1, A2, and A3 by applying a constant magnification fac-
tor. Because a soft switching system is employed, the
drive current has low noise and a low total current ripple.
The total drive current is controlled by the error amplifier
input voltage. The error amplifier has a voltage gain of
about –11dB (a factor of 0.28). The current feedback am-
plifier regulates the total drive current, so that the error
amplifier output voltage (V1) is equal to the VRNF voltage,
which has been voltage-converted from the total drive
current through the RNF pin. If V1 exceeds the current lim-
iter voltage (Vcl), the constant voltage Vcl takes prece-
dence, and a current limit is applied at the level of
Vcl / RNF.
The current feedback amplifier tends to oscillate be-
cause it receives all the feedback with a gain of 0dB. To
prevent this oscillation, connect an external capacitor to
the CNF pin for phase compensation and for reducing the
high frequency gain.
(2)
Speed control circuit
The speed control circuit is a non-adjustable digital servo
system that uses a frequency locked loop (FLL). The cir-
cuit consists of an 1 / 2 frequency divider, an FG amplifier,
and a speed discriminator (Fig. 3).
An internal reference is generated from an external clock
signal input. The 1 / 2 frequency divider reduces the fre-
quency of the OSC signal. The FG amplifier amplifies the
minute voltage generated by the motor FG pattern and
produces a rectangular-shaped speed signal. The FG
amplifier gain (GFG = 42dB, typical) is determined by the
internal resistance ratio.
For noise filtering, a high-pass filter is given by C3 and a
resistor of 1.6k
Ω (typical), and a low-pass filter is given
by C4 and a resistor of 200k
Ω (typical). The cutoff fre-
quencies of high-pass and low-pass filters (fH and fL, re-
spectively) are given by:
The C3 and C4 capacitances should be set so as to satis-
fy the following relationship:
fH
tfFGtfL
where fFG is the FG frequency. Note that the FG amplifier
inputs have a hysteresis.
The speed discriminator divides the reference clock and
compares with the reference frequency, and then outputs
an error pulse according to the frequency difference. The
motor rotational speed N is given in the following formula.
fosc is the reference clock frequency,
n is (speed discriminator count)
2,
z is the FG tooth number.
The discriminator count depends on the speed control
pin voltage.
The integrator flattens out the error pulse of the speed
discriminator and creates a control signal for the motor
drive circuit (Fig. 4).
(3)
Index amplifier
The index amplifier is a hysteresis amplifier with a typical
hysteresis width of +18mV and –22mV. The input pin is
not biased internally.
fH =
1
2
π
1.6k
Ω C3
fL =
1
2
π
200k
Ω
C4
(1)
N = 60 S
fosc
n
S
1
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com