Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6492BFS Datasheet(PDF) 4 Page - Rohm

Part # BA6492BFS
Description  FDD spindle motor driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6492BFS Datasheet(HTML) 4 Page - Rohm

  BA6492BFS Datasheet HTML 1Page - Rohm BA6492BFS Datasheet HTML 2Page - Rohm BA6492BFS Datasheet HTML 3Page - Rohm BA6492BFS Datasheet HTML 4Page - Rohm BA6492BFS Datasheet HTML 5Page - Rohm BA6492BFS Datasheet HTML 6Page - Rohm BA6492BFS Datasheet HTML 7Page - Rohm BA6492BFS Datasheet HTML 8Page - Rohm BA6492BFS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
558
Motor driver ICs
BA6492BFS
FInput/output circuits
(1)
Monostable multivibrator element timing setting
(3, 4 pin)
(2)
Constant voltage output (5 pin)
(3)
Speed discriminator output (6 pin)
(4)
Integrating amplifier (7, 8 pin)
(5)
Motor output (11
X15 pin)
(6)
Hall bias (16 pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com