Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6569AS Datasheet(PDF) 7 Page - Rohm

Part # BA6569AS
Description  Speech network for telephones
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6569AS Datasheet(HTML) 7 Page - Rohm

Back Button BA6569AS Datasheet HTML 3Page - Rohm BA6569AS Datasheet HTML 4Page - Rohm BA6569AS Datasheet HTML 5Page - Rohm BA6569AS Datasheet HTML 6Page - Rohm BA6569AS Datasheet HTML 7Page - Rohm BA6569AS Datasheet HTML 8Page - Rohm BA6569AS Datasheet HTML 9Page - Rohm BA6569AS Datasheet HTML 10Page - Rohm BA6569AS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
232
Communication ICs
BA6569AS / BA6569AFP
FCircuit operation
The BA6569AS and BA6569AFP carry out the following
basic operations.
(1)
Handset talk and receive
Voice signals received from a telephone line are output
to a handset speaker. Voice signals from the handset mi-
crophone are also output to the telephone line.
(2)
DTMF send and key tone input
The BA6569AS and BA6569AFP have a mute switch
which can be switched between a “handset send and re-
ceive” mode and a “DTMF send and key tone input”
mode by an external logic signal. In the “DTMF send and
key tone input” mode, it transmits DTMF signals from the
dial pad to the telephone line, and key tones to the hand-
set receiver.
(3)
AGC
Gain is adjusted steplessly in response to the size of cur-
rent from the telephone line. When there is a large cur-
rent (a short distance is involved), the gain is lowered.
The gain volume can also be adjusted by changing the
value of the resistor connected to the AGC pin.
(4)
Manual pad
In order to accommodate situations such as a PBX,
where there is little current but a short distance is in-
volved, the gain can be lowered by a constant volume re-
gardless of the current value. Fluctuation in the amount
of gain can be adjusted by changing the value connected
to the MPAD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com