Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6569AFP Datasheet(PDF) 1 Page - Rohm

Part # BA6569AFP
Description  Speech network for telephones
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6569AFP Datasheet(HTML) 1 Page - Rohm

  BA6569AFP Datasheet HTML 1Page - Rohm BA6569AFP Datasheet HTML 2Page - Rohm BA6569AFP Datasheet HTML 3Page - Rohm BA6569AFP Datasheet HTML 4Page - Rohm BA6569AFP Datasheet HTML 5Page - Rohm BA6569AFP Datasheet HTML 6Page - Rohm BA6569AFP Datasheet HTML 7Page - Rohm BA6569AFP Datasheet HTML 8Page - Rohm BA6569AFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
226
Communication ICs
Speech network for telephones
BA6569AS / BA6569AFP
The BA6569AS and BA6569AFP are speech networks which possesses the basic functions required for handset com-
munications. In addition to amplifying signals from a transmitter and sending them to a telephone line, they also amplify
only reception signals from a telephone line and drive the receiver. In addition to a function which compensates for fluc-
tuation in the transmission and reception volume caused by the length of the telephone line (AGC), they are also
equipped with a manual PAD function in order to accommodate PBX.
FApplications
Telephones and telephone equipment
FFeatures
1) Basic speech network functions built in.
2) Single output pin of reception pre-amplifier is sepa-
rate.
3) Single input pin of reception pre-amplifier is sepa-
rate, enabling mixing of input.
4) Input to microphone pre-amplifier is balanced and of-
fers high resistance to in-line noise.
5) Input pin of MF pre-amplifier enables mixing of input.
6) Manual pad pin included.
7) Pre-amplifiers for reception, microphone, and MF
employ AGC based on telephone line current.
8) AC impedance can be raised by altering the posi-
tive feedback. This enables configuration of power
supply circuits for microcomputers and other ap-
plications using only a single resistor.
9) A BTL circuit is used for reception output, and the
wide dynamic range enables both dynamic and ce-
ramic receivers to be accommodated.
10) Few external attachments are required.
11)
22-pin SDIP and 24-pin HSOP packages available.
FAbsolute maximum ratings (Ta = 25_C)


Similar Part No. - BA6569AFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
Speech network
BA6566F ROHM-BA6566F Datasheet
154Kb / 9P
Speech network
BA6566FP ROHM-BA6566FP Datasheet
154Kb / 9P
Speech network
More results

Similar Description - BA6569AFP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6150 PANASONIC-AN6150 Datasheet
51Kb / 5P
Speech Network Circuit
AN6152 PANASONIC-AN6152 Datasheet
30Kb / 3P
Speech Network Circuit
AN6215S PANASONIC-AN6215S Datasheet
56Kb / 5P
AGC IC for telephone speech network
logo
Rohm
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
Speech network
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5016 DAEWOO-DBL5016 Datasheet
391Kb / 7P
UNIVERSAL SPEECH NETWORK
DBL5021 DAEWOO-DBL5021 Datasheet
243Kb / 5P
UNIVERSAL SPEECH NETWORK
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
UNIVERSAL SPEECH NETWORK
logo
AUK corp
SL5021P AUK-SL5021P Datasheet
74Kb / 6P
UNIVERSAL SPEECH NETWORK
SL5022P AUK-SL5022P Datasheet
75Kb / 6P
UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com