Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6800AS Datasheet(PDF) 5 Page - Rohm

Part # BA6800AS
Description  Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6800AS Datasheet(HTML) 5 Page - Rohm

  BA6800AS Datasheet HTML 1Page - Rohm BA6800AS Datasheet HTML 2Page - Rohm BA6800AS Datasheet HTML 3Page - Rohm BA6800AS Datasheet HTML 4Page - Rohm BA6800AS Datasheet HTML 5Page - Rohm BA6800AS Datasheet HTML 6Page - Rohm BA6800AS Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
801
Audio ICs
BA6800AS
FCircuit operation
(1)
Input block
The AC input pins are pins 1 and 3, and the DC input pins
are pins 6 and 7. Pin 8 is used to switch between the AC
and DC inputs. When the input to pin 8 is “H”, AC input
is selected (pins 1 and 3). Therefore, by using pin 8 to
switch between the AC and DC modes, the IC can do two
jobs. For example, pins 1 and 3 can be used for audio sig-
nal input, and pins 6 and 7 can be used as the input for
the signal meter output from a tuner (DC). The AC input
impedance of pins 1 and 3 is a low 250
Ω (typ.), so con-
nect potentiometers (VR1 and VR2) in series with the in-
puts to adjust the sensitivity and ch1 and ch2 balance.
(2)
Peak hold circuit
The BA6800AS features a peak hold circuit that tempo-
rarily holds peak signal levels in AC input mode. The
peak hold function can be used with the upper 12 points
(5 to 16). The peak hold time depends on the oscillator
frequency. It is 2 sec. (typ.) for an oscillator frequency of
2kHz. DC mode does not have a peak hold function.
(3)
Grid output
The pin 10 and 11 grid outputs are open-collector NPN
transistors. The logic is active low (the fluorescent tube
lights when the output is “L”), so connect two PNP tran-
sistors Q1 and Q2 as shown in the application example
circuit to drive the fluorescent tubes (see Fig. 3).
(4)
Segment output block
Pins 12 to 28 are the segment outputs. The output cir-
cuits are open-collector PNP transistors. When grid 1 is
“L”, the ch1 level is output (pin 1 or 6), and when grid 2
is “L”, the ch2 level is output (pin 3 or 7). Refer to Fig. 4.
(5)
Grid and segment output timing chart
The grid and segment output timing is shown in Fig. 5.
(6)
Attack and release times
The response characteristic for AC input signals is set by
resistor R1 and capacitor C3 for ch1 and resistor R2 and
capacitor C4 for ch2 (pins 2 and 4). When R1 = 47k
Ω and
C3 = 22
µF, the attack time is about 4ms, and the release
time is about 1sec. (same for ch2).
Attack time
: Time for the voltage on pins 2 and 4
to rise from 1V to 2.5V when the input
goes from no input to 2.6Vrms, then
back to no input.
Release time : Time for the voltage on pins 2 and 4
to fall from 2.5V to 1V when the input
goes from 2.6Vrms to no input.
(7)
Oscillator frequency
The resistor R26 and capacitor C5 connected to pin 30 de-
termine the oscillator frequency. The oscillator frequency
(fosc) and grid output period (T) are related as follows :
T (ms) = 16 / fosc (kHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com