Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6819AF Datasheet(PDF) 5 Page - Rohm

Part # BA6819AF
Description  2-phase half-wave motor driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6819AF Datasheet(HTML) 5 Page - Rohm

  BA6819AF Datasheet HTML 1Page - Rohm BA6819AF Datasheet HTML 2Page - Rohm BA6819AF Datasheet HTML 3Page - Rohm BA6819AF Datasheet HTML 4Page - Rohm BA6819AF Datasheet HTML 5Page - Rohm BA6819AF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
710
Motor driver ICs
BA6809F / BA6819AF
FOperation notes
(1)
Thermal shutdown circuit
The IC has a built-in thermal shutdown circuit. The is a
temperature difference of 20
_C (typical) between the
temperatures at which the circuit is activated and deacti-
vated.
The circuit is activated at the temperature of about 175
_C
(typical), so that all outputs are turned OFF. Normal op-
eration resumes when the circuit is deactivated.
(2)
Power dissipation
Power consumed in the IC can be calculated from the fol-
lowing equation :
PC=PC1
)PC2)PC3
PC1 is power consumed by the circuit current.
PC1=VCC
ICC
PC2 is the output current consumption.
PC2=VOL
IO
VOL is the LOW level output voltage of output pins
1 and 2, and IO is the sink current of pins 1 and 2.
PC3 is power consumed by the AL and HO pins.
PC3=VALL
IAL (BA6809F)
PC3=VHOL
IHO / 2 (BA6819AF)
where
VALL is the AL-pin LOW level voltage,
IAL is the AL-pin sink current,
VHOL is the HO-pin LOW level voltage,
IHO is the HO-pin sink current.
Make sure that your application does not exceed the al-
lowable power dissipation of the IC.
(3)
Hall amplifier input voltage
The R1 and R2 resistances must be set so as to maintain
the Hall amplifier input bias voltage within the range of 0V
to (VCC
*2V) including the signal amplitude.
The Hall device may be affected by power supply noise
due to the PCB conductor pattern. If you have this prob-
lem, insert a capacitor C1 as shown in Fig. 5.
If the conductor lines from the Hall device output termi-
nals to the Hall inputs of the IC are particularly long, noise
can be picked up and fed into the inputs. If you have this
problem, insert a capacitor C2 as shown in Fig. 5. Note
that the Hall inputs have no hysteresis in this IC.
where RH is the Hall device impedance.
R1
)R2)RH
Hall current is given by=
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com