Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6832FS Datasheet(PDF) 5 Page - Rohm

Part # BA6832FS
Description  Voice coil motor driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6832FS Datasheet(HTML) 5 Page - Rohm

  BA6832FS Datasheet HTML 1Page - Rohm BA6832FS Datasheet HTML 2Page - Rohm BA6832FS Datasheet HTML 3Page - Rohm BA6832FS Datasheet HTML 4Page - Rohm BA6832FS Datasheet HTML 5Page - Rohm BA6832FS Datasheet HTML 6Page - Rohm BA6832FS Datasheet HTML 7Page - Rohm BA6832FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
513
Motor driver ICs
BA6832FS
FCircuit operation
(1)
Output current control
The method of output current control depends on wheth-
er the RTL pin is HIGH or LOW.
(1) When the RTL pin is LOW
The voltage VRS that develops across the resistor RS be-
tween pins 10 and 11 (with reference to pin 10) is con-
trolled by the voltage between Vctl (pin 18) and Vref (pin
19) :
VRS=(Vctl
*Vref) 1 (Typ.)
The output current IO is given by :
IO=(Vctl
*Vref) / Rs (Typ.)
where the positive direction is from pin 13 to pin 10.
Therefore, the voltage-current conversion gain for the
control input is determined by the RS value. The gain
band width in this case is 80kHz (typical).
(2) When the RTL pin is HIGH
The VRS voltage (with reference to pin 10) is controlled by
the Vrtr (pin 17) voltage (with reference to the ground) :
VRS=
*0.1 Vrtr / Rs
(3) RTR threshold
The RTR pin threshold voltage is 1.2
X1.3V. The pin has
a hysteresis width of about 40mV.
(2)
Standby mode
The standby mode is activated when the CE pin is LOW;
the circuit current is reduced to 0.15mA (typical), and the
output pins are put to the high impedance state. The op-
eration mode is activated when the CE pin is HIGH, and
the output current becomes controllable. The pin’s
threshold voltage is 1.2
X1.3V.
(3)
Internal reference voltage
The internal reference voltage Vreg is given by :
Vreg=(VCC
*VF)/2
where Vreg=5.65 when VCC=12V. The output pins (pins 10
and 13) operate with reference to Vreg.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com