Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6846FS Datasheet(PDF) 5 Page - Rohm

Part # BA6846FS
Description  Stepping motor driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6846FS Datasheet(HTML) 5 Page - Rohm

  BA6846FS Datasheet HTML 1Page - Rohm BA6846FS Datasheet HTML 2Page - Rohm BA6846FS Datasheet HTML 3Page - Rohm BA6846FS Datasheet HTML 4Page - Rohm BA6846FS Datasheet HTML 5Page - Rohm BA6846FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
745
Motor driver ICs
BA6846FS / BA6846FV
FOperation notes
(1)
Control logic pins
Do not apply voltage to control logic pins when the VCC
voltage is not applied to the IC. The voltage of each pin
should be less than VCC, if applied, and should be more
than the ground voltage.
(2)
PCB arrangement
When changing the rotational direction of a motor, a large
current of up to a few hundred milliamperes can flow be-
tween the motor power supply and the PGND pin. De-
pending on the application, this large output current may
flow back to input pins, resulting in output oscillation or
other malfunctions. Make sure that your design does not
allow a common impedance between the large current
output lines and the input section. Suppress the power
supply impedance to low levels, otherwise output oscilla-
tion may occur.
(3)
Package power dissipation
The power dissipated by the IC varies widely with the
supply voltage and the output current. Give full consider-
ation to the package power dissipation rating when set-
ting the supply voltage and the output current.
(4)
Ground pins
The GND and SUB pins should have the lowest potential
(ground potential) in the IC.
(5)
Thermal shutdown circuit
This circuit shuts down all the driver outputs when the
chip junction temperature is increased to about 175
_C
(typical). The thermal shutdown circuit is deactivated
when the temperature drops to about 20
_C (typical).
(6)
Logic input pins
These pins have characteristics negatively correlated to
temperature. Give full consideration to the temperature
effect when using the IC.
FElectrical characteristic curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com