Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7181FS Datasheet(PDF) 2 Page - Rohm

Part # BA7181FS
Description  2-channel PRE / REC amplifier with auto-tracking interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7181FS Datasheet(HTML) 2 Page - Rohm

  BA7181FS Datasheet HTML 1Page - Rohm BA7181FS Datasheet HTML 2Page - Rohm BA7181FS Datasheet HTML 3Page - Rohm BA7181FS Datasheet HTML 4Page - Rohm BA7181FS Datasheet HTML 5Page - Rohm BA7181FS Datasheet HTML 6Page - Rohm BA7181FS Datasheet HTML 7Page - Rohm BA7181FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Video ICs
BA7181FS
Block diagram
(REC - OUT 1)
(REC - OUT 2)
DFF IN
DET FILTER
REC DCFB
PRE IN 1
GND 1
PRE IN 2
PB / EE / REC CTRL
REC + OUT
REC AGC FILTER
AT ENVE FB
GND 2
REC LEVEL ADJ
PB AGC OUT
PB AGC FILTER
AT ENVE PEAKING
H SYNC IN
PB RF OUT
AT ENVE OUT
REC IN
VCC
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC= 5.0V and f = 4.0MHz)
Parameter
Symbol Min. Typ. Max. Unit
Conditions
Measurement
circuit
〈Playback system〉
Quiescent current
Voltage gain CH-1
Voltage gain CH-2
Voltage gain differential
Frequency characteristic
2nd harmonic distortion
3rd harmonic distortion
Maximum output level
Crosstalk
Iq (P)
18
45
mA
Fig.1
GVP1
54
57
60
dB
Fig.1
GVP2
54
57
60
dB
Fig.1
∆GVP
0
1
dB
Fig.1
∆GVf –7 – 3
0
dB
Fig.1
2HDP
— – 45
dBc
Fig.1
3HDP
— – 45
dBc
Fig.1
VOMP
1.0
1.5
VP-P
Fig.1
CTP
— – 38 – 32
dBc
Fig.1
No signal
Pin 4 input = 0.3mVP-P, pin 1: L,
pin 14 output measurement
Pin 6 input = 0.3mVP-P, pin 1: H,
pin 14 output measurement
∆GVP= | GVP1—GVP2 |
Difference in pin 14 output level for f = 8.0 / 1.0MHz,
VIN = 0.3mVP-P
VIN = 0.3mVP-P, 8.0MHz spurious
VIN = 0.3mVP-P, 12.0MHz spurious
When pin 14 output 2nd harmonic distortion is –30dBc
Difference in pin 14 output level for pin 1: H / L
Design reference values.
(Fig. 1 measurement circuit, pin 8: “H” )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com