Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7622F Datasheet(PDF) 6 Page - Rohm

Part # BA7622F
Description  75??driver IC with 3 internal circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7622F Datasheet(HTML) 6 Page - Rohm

  BA7622F Datasheet HTML 1Page - Rohm BA7622F Datasheet HTML 2Page - Rohm BA7622F Datasheet HTML 3Page - Rohm BA7622F Datasheet HTML 4Page - Rohm BA7622F Datasheet HTML 5Page - Rohm BA7622F Datasheet HTML 6Page - Rohm BA7622F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Multimedia ICs
BA7622F
•Application example
VCC = 5V
47
µF 0.022µF
75
VIDEO
OUT1
75
1
2
3
4
8
7
6
5
75
Ω
driver
75
Ω
driver
75
Ω
driver
Clamp
Clamp
1
µF
20k
NO Clamp
1
µF
0.01
µF
Composite
Video
Signal
Y Signal
C Signal
1000
µF
+
1000
µF
+
1
µF
+
YC
YC
75
75
75
75
VIDEO
OUT2
+
+
+
Fig.2
•Electrical characteristic curves
FREQUENCY: f (Hz)
20
0
– 20
–40
100k
1M
10M
100M
Fig. 3 Frequency characteristic
FREQUENCY: f (Hz)
0
–20
– 40
–60
–80
100k
10M
100M
1M
Fig. 4 Crosstalk



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com