Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7632AF Datasheet(PDF) 3 Page - Rohm

Part # BA7632AF
Description  Video switch for CANAL-Plus decoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7632AF Datasheet(HTML) 3 Page - Rohm

  BA7632AF Datasheet HTML 1Page - Rohm BA7632AF Datasheet HTML 2Page - Rohm BA7632AF Datasheet HTML 3Page - Rohm BA7632AF Datasheet HTML 4Page - Rohm BA7632AF Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
•Ciruit operation
The BA7632AF makes it easy to construct a decoder
for the scrambled pay channels. They have been
designed specifically for audio signal decoding. As
shown in the application examples in Figs. 1 and 2,
there are inputs for TV, VCR, decoder, and AUX, to
cover a wide range of applications. When the AUX
input is not used, by setting CTL5 to “L”, the system
construction becomes the same as that of the
BA7630S, and the BA7630S switching logic can be
used as is.
3
Multimedia ICs
BA7632AF
•Input / output circuits
50
1.8mA
1
VCC
1.8mA
25
VCC
13
16
14k
36k
30k
10k
VCC
2
8
12
14
15
6.0V
100
3, 5, 7, 9, 11
30
µA
125
µA
VCC
140k
•Electrical characteristics (unless otherwise noted, Ta = 25°C and VCC = 12V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
4.5
12.0
13.0
V
ICC
—
14.9
24.0
mA
—
—
Vom
3.1
3.6
—
Vrms
GV
– 0.5
0
0.5
dB
THD
—
0.005
0.1
%
CTM
—– 75
– 60
dB
VMin.
—
20.0
40.0
VTH
1.0
2.0
3.0
V
ZIN
110
140
165
Conditions
f = 1MHz, THD = 0.5%
f = 1kHz, VIN = 3.0dBm
f = 1kHz, VIN = 3.0dBm
f = 10kHz, VIN = 3.0dBm
30kHz LPF, Rg = 2.2k
Ω
k
Ω
—
—
µ Vrms
Not designed for radiation resistance.
Recommended operating voltage
Supply current
Maximum output level
Voltage gain
Total harmonic distortion
Interchannel crosstalk
Input conversion noise voltage
CTL switch level
Input impedance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com