Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7654F Datasheet(PDF) 6 Page - Rohm

Part # BA7654F
Description  2-input, 1-output video signal switcher
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7654F Datasheet(HTML) 6 Page - Rohm

  BA7654F Datasheet HTML 1Page - Rohm BA7654F Datasheet HTML 2Page - Rohm BA7654F Datasheet HTML 3Page - Rohm BA7654F Datasheet HTML 4Page - Rohm BA7654F Datasheet HTML 5Page - Rohm BA7654F Datasheet HTML 6Page - Rohm BA7654F Datasheet HTML 7Page - Rohm BA7654F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Multimedia ICs
BA7654F
Parameter
Circuit current
Voltage gain
Frequency
characteristics
Interchannel
crosstalk
Differential gain
Differential phase
Maximum
output level
IN 1
IN 2
IN 1
IN 2
IN 1
IN 2
IN 1
→IN 2
IN 2
←IN 1
IN 1
IN 2
IN 1
IN 2
Symbol
SW1
SW3
SW2
SW7
Conditions
Icc
3
3
2
—
—
f = 1kHZ THD = 1.0%∗1
VIN = 1.0VP-P f = 1MHz∗2
VIN = 1.0VP-P f = 1MHz and 10MHz∗3
VIN = 1.0VP-P f = 4.43MHz∗4
VIN = 1.0VP-P standard staircase signal
VIN = 1.0VP-P standard staircase signal
Vom 1
Vom 2
Gv 1
Gv 2
Gf 1
Gf 2
Cta1 – 2
Cta2 – 1
DG 1
DG 2
DP 1
DP 2
1
3
1
3
1
3
1
3
2
3
2
3
3
1
3
1
3
1
3
1
3
2
3
2
1
2
1
2
1
2
2
1
1
2
1
2
1
1
1
1
1
1
1
1
2
2
2
2
∗ CTL switching level is substituted by performing the above measurements.
∗1 Connect a distortion meter to the output. After adding a f = 1kHz sine wave input from the OSC, adjust the input level so that the output
distortion is 1.0%. The output voltage at that time is the maximum output level Vom [VP-P].
∗2 Apply to the input pin a VIN = 1.0VP-P, f = 1MHz sine wave input.
Voltage gain GV = 20-log (VOUT / VIN)
∗3 Apply to the input pin VIN = 1.0VP-P, f = 1MHz and 10MHz sine wave inputs.
Frequency characteristics Gf = GV (f = 1MHz) – GV (f = 10MHz)
∗4 Apply to the input pin a VIN = 1.0VP-P, f = 4.43MHz sine wave input.
Interchannel crosstalk Cta = 20log (VOUT / VIN)
•Measurement conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com