Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7726AS Datasheet(PDF) 1 Page - Rohm

Part # BA7726AS
Description  Analog compander with vocal fader for KARAOKE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7726AS Datasheet(HTML) 1 Page - Rohm

  BA7726AS Datasheet HTML 1Page - Rohm BA7726AS Datasheet HTML 2Page - Rohm BA7726AS Datasheet HTML 3Page - Rohm BA7726AS Datasheet HTML 4Page - Rohm BA7726AS Datasheet HTML 5Page - Rohm BA7726AS Datasheet HTML 6Page - Rohm BA7726AS Datasheet HTML 7Page - Rohm BA7726AS Datasheet HTML 8Page - Rohm BA7726AS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Multimedia ICs
Analog compander with vocal fader
for KARAOKE
BA7726AS / BA7726AFS
The BA7726AS and BA7726AFS are analog companders for karaoke echo systems and have internal logarithmic
compression and expansion circuits, a stereo line mixer amplifier, vocal fader function, vocal detection function,
microphone ALC, microphone ON / OFF switch, and output switch. When used together with the BU9252 8-bit digital
delay, these ICs form a high-grade karaoke echo system with minimum components.
•Features
1) Internal stereo line mixer amplifier, allowing selec-
tion of through output, left output, or right output.
2) Internal vocal elimination function, suitable for vocal
faders and left and right output.
3) Echo level and loop ratio are DC-adjustable with the
internal electronic volume control (EVR).
4) Internal microphone ON / OFF switch.
5) Vocal detection.
6) Internal microphone ALC function.
7) Internal anti-popping circuit.
•Applications
Portable CD stereos with karaoke functions, VCRs, mini component stereo systems, LD players
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
14
V
Power dissipation
BA7726AS
mW
BA7726AFS
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
1250∗1
850∗2
Pd
– 10 ~ + 70
– 55 ~ + 125
∗1 Reduced by 12.5mW for each increase in Ta of 1°C over 25°C.
∗2 Reduced by 8.5mW for each increase in Ta of 1°C over 25°C.
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
VCC
4.5
9.0
12.0
V


Similar Part No. - BA7726AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7725 ROHM-BA7725 Datasheet
94Kb / 8P
Analog compander for KARAOKE echo systems
BA7725FS ROHM-BA7725FS Datasheet
94Kb / 8P
Analog compander for KARAOKE echo systems
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
Analog compander for KARAOKE echo systems
More results

Similar Description - BA7726AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3836 ROHM-BA3836 Datasheet
61Kb / 5P
Vocal fader IC
BA3837 ROHM-BA3837 Datasheet
138Kb / 11P
Vocal fader IC
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
Analog compander for KARAOKE echo systems
BH3810FS ROHM-BH3810FS Datasheet
122Kb / 9P
Vocal fader IC with input selector
logo
Sony Corporation
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
VOCAL CANCELLER FOR KARAOKE EQUIPMENT
logo
Silan Microelectronics ...
SA8507 SILAN-SA8507 Datasheet
202Kb / 5P
COMPANDER
logo
Samsung semiconductor
KA8507B SAMSUNG-KA8507B Datasheet
82Kb / 6P
COMPANDER
logo
Motorola, Inc
MC33411A MOTOROLA-MC33411A Datasheet
449Kb / 43P
900 MHZ ANALOG CORDLESS PHONE BASEBAND WITH COMPANDER
logo
Unisonic Technologies
UTC571N UTC-UTC571N Datasheet
187Kb / 4P
COMPANDER
logo
Hangzhou Youwang Electr...
UTC31101 YOUWANG-UTC31101 Datasheet
278Kb / 8P
Compander
2005.11.30 V1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com