Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7745FS Datasheet(PDF) 1 Page - Rohm

Part # BA7745FS
Description  VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7745FS Datasheet(HTML) 1 Page - Rohm

  BA7745FS Datasheet HTML 1Page - Rohm BA7745FS Datasheet HTML 2Page - Rohm BA7745FS Datasheet HTML 3Page - Rohm BA7745FS Datasheet HTML 4Page - Rohm BA7745FS Datasheet HTML 5Page - Rohm BA7745FS Datasheet HTML 6Page - Rohm BA7745FS Datasheet HTML 7Page - Rohm BA7745FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Video ICs
VCR Hi-Fi audio signal REC / PB
amplifier with flying-erase oscillator
BA7745FS
The BA7745FS has the recording and playback amplifiers required for Hi-Fi VCR signal processing, and also con-
tains a flying-erase oscillator. The recording system uses a constant-current amplifeir with AGC to eliminate the need
to adjust the recording current, and ensure stable operation as the head wears. The IC also features REC MUTE and
OVER REC functions .
The playback system has a high-gain preamplifier, a low-offset head switch, a VCA and an EP-gain amplifier. The
flying-erase oscillator has low 2nd and 3rd harmonic distortion, and when connected to an external driver large out-
put current can be obtained.
A H / L control system eliminates the need for special power supplies for the recording and playback systems. The
IC has low power consumption, and comes in a compact 32-pin SSOP-P package that requires little area on the
PCB. It will improve the reliability and performance of your designs while reducing external component requirements.
•Applications
VCRs
•Features
The low-noise playback amplifier has a total gain of
83dB (Typ.). Designed for VHS-bandoperation with
low external parts count. It has two built-in circuits for
Hi-Fi VCR operation.
2) The circuit has been designed to suppress head-
switching noise.
3) Built-in EP / SP gain switching function that boosts
the playback gain by 5dB.
4) Built-in VCA for easy playback output adjustment.
5) High-output recording amplifier for audio FM record-
ing.
6) Constant-current drive provides stable recording
characteristics when the load (head impedance) is
fluctuating.
7) Built-in recording level AGC eliminates the need to
adjust recording current.
8) Built-in low-pass filter limits the input bandwidth of
the recording amplifier.
9) Built-in OVER REC recording current amplifier
function and REC MUTE function that stops record-
ing output.
10) Built-in high-frequency oscillator for use with flying
erase function.
11) Record / playback switching can be done directly
via the system controller, and consumes litlle
power.
12) Possible to construct a high-performance audio
system by pairing this chip with a Hi-Fi-audio signal
processing IC.


Similar Part No. - BA7745FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7746 ROHM-BA7746 Datasheet
142Kb / 12P
VCR Hi-Fi audio signal REC / PB amplifier
BA7746FS ROHM-BA7746FS Datasheet
142Kb / 12P
VCR Hi-Fi audio signal REC / PB amplifier
BA7746S ROHM-BA7746S Datasheet
142Kb / 12P
VCR Hi-Fi audio signal REC / PB amplifier
More results

Similar Description - BA7745FS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3316K PANASONIC-AN3316K Datasheet
26Kb / 2P
Recording/Playback Amplifier IC for VCR Hi-Fi Audio
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Rohm
BA7746S ROHM-BA7746S Datasheet
142Kb / 12P
VCR Hi-Fi audio signal REC / PB amplifier
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
Switchless REC / PB amplifier for standard audio signal processing
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
REC/PB Amplifier for VCR
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
4-channel REC/PB Amplifier for 8 mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
2-channel REC/PB Amplifier for 8mm VCR
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
14W Hi-Fi AUDIO AMPLIFIER
Jun-1998
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com