Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7797F Datasheet(PDF) 6 Page - Rohm

Part # BA7797F
Description  VCR standard audio signal processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7797F Datasheet(HTML) 6 Page - Rohm

  BA7797F Datasheet HTML 1Page - Rohm BA7797F Datasheet HTML 2Page - Rohm BA7797F Datasheet HTML 3Page - Rohm BA7797F Datasheet HTML 4Page - Rohm BA7797F Datasheet HTML 5Page - Rohm BA7797F Datasheet HTML 6Page - Rohm BA7797F Datasheet HTML 7Page - Rohm BA7797F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Video ICs
BA7797F
Control pins
(1) REC / EE control, PB / TU / LINE control
Function
L
L
LINE
OFF
ON
LINE
OFF
L
M
TUNER
OFF
ON
TUNER
OFF
L
H
PB
OFF
ON
PB
OFF
H
L
ON
OFF
LINE
ON
H
M
ON
OFF
TUNER
ON
H
H
inhibit
————
REC / EE
PB / TU / LINE
PB HSW
REC HSW
LINE SW
REC AMP
LINE REC
TU REC
Mode
If REC / EE CTRL is set to "M", the REC pause state is possible (REC head switch: open, REC amplifier: off).
•Control mode table
MUTE
H
MUTE
OPEN
L
MUTE
CLOSE
LINE SW
Mode
Control pins
Function
(2) Mute control
•Application example
REC + B
LINE
ALC
0dB
BIAS
OSC
EQ
REC AMP
RL
CTRL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
REC / EE
+ 28dB
VCC
ATT
– 8dB
ATT
– 8dB
EQ CTRL
TUNER IN
PB / TU / LINE CTRL
LINE IN
MUTE CTRL
ALC LEVEL ADJ
LINE OUT
EQ CTRL
Units: R [
Ω]
C [F]
Fig.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com