Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA8201F Datasheet(PDF) 6 Page - Rohm

Part # BA8201F
Description  Pseudo inductance for telephones
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8201F Datasheet(HTML) 6 Page - Rohm

  BA8201F Datasheet HTML 1Page - Rohm BA8201F Datasheet HTML 2Page - Rohm BA8201F Datasheet HTML 3Page - Rohm BA8201F Datasheet HTML 4Page - Rohm BA8201F Datasheet HTML 5Page - Rohm BA8201F Datasheet HTML 6Page - Rohm BA8201F Datasheet HTML 7Page - Rohm BA8201F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
305
Communication ICs
BA8201 / BA8201F
FApplication example
FAttached components
C1:
This is a capacitor for phase compensation, and is nor-
mally connected at 68pF.
C2:
This is a coupling capacitor. The inductance from the
telephone line changes based on this value. Normally, a
value of 2.2
µF to 10µF is appropriate.
C3:
This is a capacitor for phase compensation, and is nor-
mally connected at 47pF.
C4:
This is the capacitor for balancing the output. It sup-
presses rippling in the output and also carries out de-
coupling for the bias voltage supply of the IF pin. It should
be adjusted based on the output current, load, and other
factors.
R1:
Bias is applied from this pin to the IF pin. The inductance
from the telephone line changes based on this value.
Normally, a value of 100k
Ω is appropriate.
R2:
This can be connected between Pins 6 and 7 to clamp the
output voltage. The output voltage is expressed using the
equation below.
Vo (V) = 2
22 (
µA)
R2 (
Ω) (reference value)
∗22µA is the reference internal current source for
the IC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com