Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA9741FS Datasheet(PDF) 1 Page - Rohm

Part # BA9741FS
Description  Two-channel switching regulator controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9741FS Datasheet(HTML) 1 Page - Rohm

  BA9741FS Datasheet HTML 1Page - Rohm BA9741FS Datasheet HTML 2Page - Rohm BA9741FS Datasheet HTML 3Page - Rohm BA9741FS Datasheet HTML 4Page - Rohm BA9741FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
427
Regulator ICs
Two-channel switching regulator
controller
BA9741F / BA9741FS
The BA9741F and BA9741FS are two-channel switching regulator controllers that use the PWM method. Both circuits
can be used for DC to DC conversion for step-up, step-down, and inverting. The IC comes in a compact package, making
it ideal for use in portable equipment.
FApplications
DC / DC converters for video cameras and notebook computers etc.
FFeatures
1) High-accuracy reference voltage circuit (
±1%).
2) Timer-latch, short-circuit protection circuit
3) Miss-operation prevention circuit for low-voltage in-
put.
4) Reference voltage with output (2.5V).
5) Rest period adjustment is possible over the entire
duty range.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA9741FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9741FS ROHM-BA9741FS Datasheet
214Kb / 6P
2-ch Switching Regulator Controller
BA9741FS ROHM-BA9741FS Datasheet
3Mb / 17P
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9741FS ROHM-BA9741FS Datasheet
4Mb / 17P
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9741FS ROHM-BA9741FS Datasheet
4Mb / 17P
A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
More results

Similar Description - BA9741FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9743AFV ROHM-BA9743AFV Datasheet
107Kb / 5P
2-channel switching regulator controller
logo
National Semiconductor ...
LM2648 NSC-LM2648 Datasheet
1,017Kb / 23P
Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
2-CHANNEL SWITCHING REGULATOR CONTROLLER
V 1.0
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
2-Channel Switching Regulator Controller
logo
Unisonic Technologies
BA9741 UTC-BA9741 Datasheet
142Kb / 5P
TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
Sanyo Semicon Device
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
3-channel Switching Regulator Controller
LV5654T SANYO-LV5654T Datasheet
123Kb / 10P
4-Channel Switching Regulator Controller
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
Six-Channel Switching Regulator Controller
LV5604T SANYO-LV5604T_09 Datasheet
155Kb / 12P
Eight-Channel Switching Regulator Controller
logo
E-Tech Electronics LTD
BA9741 ETL-BA9741 Datasheet
146Kb / 5P
TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com