Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAOOST Datasheet(PDF) 1 Page - Rohm

Part # BAOOST
Description  Low saturation voltage type regulator with ON / OFF switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAOOST Datasheet(HTML) 1 Page - Rohm

  BAOOST Datasheet HTML 1Page - Rohm BAOOST Datasheet HTML 2Page - Rohm BAOOST Datasheet HTML 3Page - Rohm BAOOST Datasheet HTML 4Page - Rohm BAOOST Datasheet HTML 5Page - Rohm BAOOST Datasheet HTML 6Page - Rohm BAOOST Datasheet HTML 7Page - Rohm BAOOST Datasheet HTML 8Page - Rohm BAOOST Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
87
Regulator ICs
Low saturation voltage type regulator
with ON / OFF switch
BA
ffST series
The BA
ffST series are variable, fixed output low drop-out type voltage regulators with an ON / OFF switch. These
regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage.
Fixed output voltages are 3V
∗, 3.3V, 5V, 6V∗ 7V, 8V, 9V, 10V, 12V, and 15V∗. The maximum current capacity is 1A for
each of the above voltages. (Items marked with an asterisk are under development.)
Applications
Constant voltage power supply
Features
1) Built-in overvoltage protection circuit, overcurrent
protection circuit and thermal shutdown circuit.
2) TO220FP-5 package can be used in wide range of
applications.
3) 0
µA (design value) circuit current when switch is off.
4) Richly diverse lineup.
5) Low minimum I / O voltage differential.
Product codes
Absolute maximum ratings (Ta = 25
°C)






Similar Part No. - BAOOST

ManufacturerPart #DatasheetDescription
logo
Rohm
BAOOFP ROHM-BAOOFP Datasheet
100Kb / 9P
Low saturation voltage type 3-pin regulator
BAOOFP ROHM-BAOOFP Datasheet
100Kb / 9P
Low saturation voltage type 3-pin regulator
BAOOLBSG ROHM-BAOOLBSG Datasheet
129Kb / 9P
Super-mini package regulator IC
BAOOOLBSG ROHM-BAOOOLBSG Datasheet
114Kb / 8P
Super-mini package regulator IC
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
Low saturation voltage type 3-pin regulator
More results

Similar Description - BAOOST

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com