Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH3810FS Datasheet(PDF) 5 Page - Rohm

Part # BH3810FS
Description  Vocal fader IC with input selector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3810FS Datasheet(HTML) 5 Page - Rohm

  BH3810FS Datasheet HTML 1Page - Rohm BH3810FS Datasheet HTML 2Page - Rohm BH3810FS Datasheet HTML 3Page - Rohm BH3810FS Datasheet HTML 4Page - Rohm BH3810FS Datasheet HTML 5Page - Rohm BH3810FS Datasheet HTML 6Page - Rohm BH3810FS Datasheet HTML 7Page - Rohm BH3810FS Datasheet HTML 8Page - Rohm BH3810FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Multimedia ICs
BH3810FS
•Circuit operation
(1) About the data format
Data
Descri-
ption
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22
17pin 18pin 19pin 20pin 21pin 22pin 23pin 24pin
15pin
16pin
Input
selector
Input
selector
Mode
selector
Open collector port
Tri-state
port
Tri-state
port
Mic.
mute
Chip
select
3bit
Bit number
3bit
3bit
8bit
2bit
2bit
1bit
2bit
D23
MSB
24 bits total
LSB
Fig.2
Data format
Pin
name
Data
0
1
1
(24pin)
PORT
D16
2
(23pin)
PORT
D15
3
(22pin)
PORT
D14
4
(21pin)
PORT
D13
5
(20pin)
PORT
D12
6
(19pin)
PORT
D11
7
(18pin)
PORT
D10
8
(17pin)
PORT
D9
Current sink OFF
Current sink ON
Output port: open collector
D22
D23
00
• Address is "00"
Mode selector
Gain selector
Mic
Key controller
Input selector
Through mode
6dB
Mute OFF
OFF
LA, RA
At power on
D19
PORT9 (16pin)
D19, D20
D20
Mode
LOW
00
OPEN
01
OPEN
10
HI
11
D17
PORT10 (15pin)
D17, D18
D18
Mode
LOW
00
OPEN
01
OPEN
10
HI
11
Tri-state
D21
Mode
Mic. ON
0
Mic. MUTE
1
Mic. mute
Output port: current attraction OFF
Tri-state port: Low



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com