Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH3856FS Datasheet(PDF) 5 Page - Rohm

Part # BH3856FS
Description  2-wire serial sound control IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3856FS Datasheet(HTML) 5 Page - Rohm

  BH3856FS Datasheet HTML 1Page - Rohm BH3856FS Datasheet HTML 2Page - Rohm BH3856FS Datasheet HTML 3Page - Rohm BH3856FS Datasheet HTML 4Page - Rohm BH3856FS Datasheet HTML 5Page - Rohm BH3856FS Datasheet HTML 6Page - Rohm BH3856FS Datasheet HTML 7Page - Rohm BH3856FS Datasheet HTML 8Page - Rohm BH3856FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
BH3856S / BH3856FS
Audio ICs
Symbol
Pin voltage
Equivalent Circuit
Description
4.5V
4.5V
4.5V
4.5V
TVO1
TVO2
OUT1
OUT2
Main volume output pin.
OUT1 is the volume output for Channel 1.
OUT2 is the volume output for Channel 2.
SC
BC
TC
VC1
VC2
Pin for high band filter connection.
For prevention of shock noise during
step switching.
SC : Surround pin
BC : Bass pin
TC : Treble pin
VC1 : Volume pin (Channel 1)
VC2 : Volume pin (Channel 2)
25k
Ω
A_GND
9pin
24pin
VCC
A_GND
VCC
10pin
24pin
A_GND
VCC
12pin
19pin
20pin
22pin
21pin
Digital
VREF
VCC
A_GND
D_GND
Power supply voltage pin.
Analog GND pin. Connected to IC board.
Digital GND pin. Separate from Analog GND pin.
Vref
3.8V
SDA
SCL
SASS
· I2C bass input pin
SDA : serial data line
SCL : serial clock line
· Slave address selection pin
SASS: slave address selection switch
3.8V regulator output pin.
Output requires capacitor for stopping
oscillation. Output pin has built-in precharge
and discharge circuits, so there is no problem
with start-up or shut-down even with a large
capacitor. This pin is for connection to the
high-band filter.
A_GND
VCC
18pin
A_GND
VCC
13pin
15pin
17pin
2k
Ω
∗The pin numbers are for the BH3856S.
−
−
−
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com