Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2090FS Datasheet(PDF) 5 Page - Rohm

Part # BU2090FS
Description  12-bit, serial IN, parallel OUT driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2090FS Datasheet(HTML) 5 Page - Rohm

  BU2090FS Datasheet HTML 1Page - Rohm BU2090FS Datasheet HTML 2Page - Rohm BU2090FS Datasheet HTML 3Page - Rohm BU2090FS Datasheet HTML 4Page - Rohm BU2090FS Datasheet HTML 5Page - Rohm BU2090FS Datasheet HTML 6Page - Rohm BU2090FS Datasheet HTML 7Page - Rohm BU2090FS Datasheet HTML 8Page - Rohm BU2090FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Standard ICs
BU2090 / BU2090F / BU2090FS /
BU2092 / BU2092F / BU2092FV
•Electrical characteristics (Ta = 25°C)
DC characteristics (unless otherwise noted, Ta = 25°C, VSS = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH
3.5
——
V
5
2.5
——
—
—
3
VIL
——
1.5
V
5
——
0.4
3
VOL
——
2.0
V
5IOL = 20mA
——
1.0
3
5
5
IOL = 5mA
IOZH
——
10.0
µAVO = 25.0V
IOZL
——
– 5.0
µAVO = 0V
IDD
——
5.0
µA
5VIN = VSS or VDD
——
3.0
3
OUTPUT: OPEN
Input high level voltage
Input low level voltage
Output low level voltage
"H" output disable current
"L" output disable current
Current dissipation
BU2090 / F / FS switching characteristics (unless otherwise noted, Ta = 25°C, VSS = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VDD
Conditions
Minimum clock pulse width
Data shift setup time
Data shift hold time
Data latch setup time
Data latch hold time
Data latch "L" setup time
Data latch "L" hold time
tW
500
——
ns
5
3
1000
——
tSU
200
——
—
—
—
—
—
—
—
ns
5
3
300
——
tH
200
——
ns
5
3
400
——
tLSUH
50
——
ns
5
3
100
——
tLHH
250
——
ns
5
3
500
——
tLSUL
200
——
ns
5
3
400
——
tLHL
250
——
ns
5
3
500
——
Not designed for radiation resistance.
BU2090 / F / FS switching characteristics measurement conditions
90%
10%
90%
10%
10%
10%
10%
10%
90%
90%
90%
90%
90%
VDD
VDD
CLOCK
DATA
tH
tSU
tLSUL
tLHL
tLHH
tLSUH
tW
tW
GND (VSS)
GND (VSS)
Fig.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com