Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU8872FS Datasheet(PDF) 5 Page - Rohm

Part # BU8872FS
Description  DTMF receiver for telephones
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU8872FS Datasheet(HTML) 5 Page - Rohm

  BU8872FS Datasheet HTML 1Page - Rohm BU8872FS Datasheet HTML 2Page - Rohm BU8872FS Datasheet HTML 3Page - Rohm BU8872FS Datasheet HTML 4Page - Rohm BU8872FS Datasheet HTML 5Page - Rohm BU8872FS Datasheet HTML 6Page - Rohm BU8872FS Datasheet HTML 7Page - Rohm BU8872FS Datasheet HTML 8Page - Rohm BU8872FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
196
Communication ICs
BU8872 / BU8872FS
FCircuit operation
A DTMF signal is supplied to the INPUT pin and applied
to a pair of 6th-order bandpass filters, which separate the
DTMF signal into its high (COL) and low (ROW) frequen-
cies. The separated tones are converted into square
waves and fed to a digital detector. (See the block dia-
gram.)
The digital detector checks the two tones to see if they
are within the valid DTMF frequency bands. If they are,
it sends a DETECT signal to the steering circuit, and
sends the appropriate column and row address signals
to a code converter.
The code converter encodes the received and detected
DTMF signal, and outputs an ENABLE signal to the
steering circuit.
Based on the DETECT and ENABLE signals, the steer-
ing circuit outputs an Early Steering (ESt) signal, which
sets the ESt pin to HIGH, indicating that a valid DTMF
signal has been detected.
If a series of pulses is input at the ACK pin while ESt is
HIGH, a decoded DTMF signal is output to the SD pin as
a binary code. (See Figure 2 for the overall timing.)
If a pulse sequence is input at the ACK pin, the data is
latched at the rising edge of the first pulse by a parallel-
serial converter, and at the same time, the LSB is output
from the SD pin. Following this, three bits of data are out-
put from the SD pin for each bit of each pulse in the pulse
sequence input from the ACK pin. As a result, a total of
four bits of data are output for the four pulses. (See Fig-
ure 3 for the ACK and SD timing.)
If the pulse sequence input to the ACK pin consists of
three or fewer pulses, the next DTMF input cannot be de-
coded properly. Any ACK pulses in excess of four are ig-
nored until ESt goes HIGH again.
Table 1 shows the format of serial data output from the
SD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com