Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU9253AS Datasheet(PDF) 5 Page - Rohm

Part # BU9253AS
Description  KARAOKE echo IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9253AS Datasheet(HTML) 5 Page - Rohm

  BU9253AS Datasheet HTML 1Page - Rohm BU9253AS Datasheet HTML 2Page - Rohm BU9253AS Datasheet HTML 3Page - Rohm BU9253AS Datasheet HTML 4Page - Rohm BU9253AS Datasheet HTML 5Page - Rohm BU9253AS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Multimedia ICs
BU9253AS / BU9253FS / BU9255FS
• When switching between the muted and unmuted
state (pin 15 (pin 17) L
→M→H), the pin 15 (pin 17) M
time should be longer than one SRAM cycle. This is to
assure stability by initializing the SRAM before mode
switching.
Note: Figures in parentheses ( ) are for BU9253AS.
(2) Differences between BU9253AS / FS and BU9255FS
There is a difference regarding the signal stopping for
muting. With BU9253AS / FS, the output from pin 8 (pin
9) is stopped during muting. With BU9255FS, the output
from pin 5 is stopped during muting.
•Application example (for BU9253FS / BU9255FS)
VCC
VCC
100
µ
0.1
µ
0.01
µ
0.012
µ
20k
20k
8.2k
IN
4700p
10k
100p
39k
MUTE
MIX
2.2
µ
2.2
µ
RESISTOR : [
Ω]
Unit
CAPACITOR: [F]
OUT
3300p
15k
10k
4.7k
0.01
µ
0.01
µ
22
µ
ECHO LEVEL
12345678
0.47
µ
D / A
SRAM
A / D
OSC
16
15
14
13
12
11
10
9
COUNTER
Fig. 2
+
–
+
–
+
+
+
(1) Mute control functions
H
Unmuted (operating state)
M
Muted
L
Clock stop and muted
Pin 15 voltage (pin 17)
Mode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com