Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU9761FS Datasheet(PDF) 5 Page - Rohm

Part # BU9761FS
Description  Quad 2-input / 2-output analog switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9761FS Datasheet(HTML) 5 Page - Rohm

  BU9761FS Datasheet HTML 1Page - Rohm BU9761FS Datasheet HTML 2Page - Rohm BU9761FS Datasheet HTML 3Page - Rohm BU9761FS Datasheet HTML 4Page - Rohm BU9761FS Datasheet HTML 5Page - Rohm BU9761FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Standard ICs
BU9761FS
VOUT
VEN
RL
CL
IO
SELECT
EN
VDD
P.G
50%
50%
50%
10%
VEN
VOUT
tPLZ
tPZL
Fig.7 Output Enable, Disable time 2
VOUT
VIN
RL
CL
IO
SELECT
EN
VDD
Fig.8 Sine wave distortion,
maximum propagation frequency
~
VOUT
VIN
RL
CL
IO
SELECT
EN
VDD
~
Fig.9 Feedthrough attenuation
RL
CL
IO
SELECT
EN
VDD
P.G
1k
Ω
Fig.10 Crosstalk (between control switches)
VIN
~
IO
IO
SELECT EN
RL
RL
CL
CL
GND
VDD
1k
Ω
Fig.11 Crosstalk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com