Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAT115ESA Datasheet(PDF) 3 Page - Rohm

Part # DAT115ESA
Description  Digital transistors (built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DAT115ESA Datasheet(HTML) 3 Page - Rohm

  DAT115ESA Datasheet HTML 1Page - Rohm DAT115ESA Datasheet HTML 2Page - Rohm DAT115ESA Datasheet HTML 3Page - Rohm DAT115ESA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DTA115EM / DTA115EE / DTA115EUA
Transistors
DTA115EKA / DTA115ESA
Rev.A
3/3
Electrical characteristics curves
100
50
20
10
5
2
1
500m
200m
100m
100
µ 200µ 500µ 1m 2m
5m
10m 20m
50m 100m
VO=0.3V
Fig.1 Input voltage vs. Output current
(ON characteristics)
OUTPUT CURRENT : IO
(A)
Ta
= −40°C
Ta
=100°C
Ta
=25°C
10m
1m
2m
5m
1
µ
2
µ
5
µ
10
µ
20
µ
50
µ
100
µ
200
µ
500
µ
0
500m
1.5
2
1
2.5
3
VCC
=5V
Fig.2 Output current vs. Input voltage
(OFF characteristics)
INPUT VOLTAGE : VI
(off) (V)
Ta
=100°C
Ta
=25°C
Ta
= −40°C
1k
500
200
100
50
20
10
5
2
1
10
µ 20µ
50
µ 100µ 200µ 500µ 1m 2m
5m 10m
VO=5V
Fig.3 DC current gain vs. Output current
OUTPUT CURRENT : IO
(A)
Ta
= −40°C
Ta
=100°C
Ta
=25°C
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
10
µ 20µ
50
µ 100µ 200µ 500µ 1m 2m
5m 10m
IO/II=20/1
Fig.4 Output voltage vs. Output current
OUTPUT CURRENT : IO
(A)
Ta
= −40°C
Ta
=100°C
Ta
=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com