Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0022436070 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0022436070
Description  2.50mm (.098") Pitch SPOX Header, Shrouded, Staggered Footprint, 7 Circuits,White
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022436070 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0022436070 Datasheet HTML 1Page - Molex Electronics Ltd. 0022436070 Datasheet HTML 2Page - Molex Electronics Ltd. 0022436070 Datasheet HTML 3Page - Molex Electronics Ltd. 0022436070 Datasheet HTML 4Page - Molex Electronics Ltd. 0022436070 Datasheet HTML 5Page - Molex Electronics Ltd. 0022436070 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO:
UCP2006-0509
S
DATE:
3/29/2006
TITLE:
2.5 MM HEADER ASSEMBLY
(STAGGERED PINS)
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-42249-*
ELHAG
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42249-NG-*
A-42249-NH-*
A-42249-NF-*
HOUSING
42249-NE
HOUSING
42249-NG
HOUSING
42249-ND
COLOR
GREEN
COLOR
GREY
COLOR
YELLOW
PIN NO
45613-0001
PIN NO
45613-0001
PIN NO
45613-0001
PLATING
154
PLATING
154
PLATING
154
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
2
22-44-7023
A-42249-2G
2
A-42249-2H
2
50-34-9271
A-42249-02F-(154)
3
22-44-7033
A-42249-3G
3
A-42249-3H
3
50-34-9272
A-42249-03F-(154)
4
22-44-7043
A-42249-4G
4
A-42249-4H
4
50-34-9273
A-42249-04F-(154)
5
22-44-7053
A-42249-5G
5
A-42249-5H
5
50-34-9274
A-42249-05F-(154)
6
22-44-7063
A-42249-6G
6
A-42249-6H
6
50-34-9275
A-42249-06F-(154)
7
22-44-7073
A-42249-7G
7
A-42249-7H
7
50-34-9276
A-42249-07F-(154)
8
22-44-7083
A-42249-8G
8
A-42249-8H
8
50-34-9277
A-42249-08F-(154)
9
22-44-7093
A-42249-9G
9
A-42249-9H
9
50-34-9278
A-42249-09F-(154)
10
22-44-7103
A-42249-10G
10
A-42249-10H
10
50-34-9279
A-42249-10F-(154)
11
22-44-7113
A-42249-11G
11
A-42249-11H
11
50-34-9280
A-42249-11F-(154)
12
22-44-7123
A-42249-12G
12
A-42249-12H
12
50-34-9281
A-42249-12F-(154)
13
22-44-7133
A-42249-13G
13
A-42249-13H
13
50-34-9282
A-42249-13F-(154)
14
22-44-7143
A-42249-14G
14
A-42249-14H
14
50-34-9283
A-42249-14F-(154)
15
22-44-7153
A-42249-15G
15
A-42249-15H
15
50-34-9284
A-42249-15F-(154)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com