Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0022415102 Datasheet(PDF) 13 Page - Molex Electronics Ltd.

Part # 0022415102
Description  2.54mm (.100") KK짰 IDT Double Cantilever Contact, 10 Circuits, Tin (Sn), FeedThrough, 24 Stranded, Solid, Fused, Topcoat
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022415102 Datasheet(HTML) 13 Page - Molex Electronics Ltd.

Back Button 0022415102 Datasheet HTML 9Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 10Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 11Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 12Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 13Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 14Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 15Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 16Page - Molex Electronics Ltd. 0022415102 Datasheet HTML 17Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
11
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-ANHP909C
A-7720-BNHP909C
A-7720-CNHP909C
A-7720-DNHP909C
A-7720-ENHP909C
A-7720-FNHP909C
HOUSING
7720-AN
HOUSING
7720-BN
HOUSING 7720-CN
HOUSING
7720-DN
HOUSING 7720-EN
HOUSING
7720-FN
TERM. NO 41512-HP909
TERM. NO
41512-HP909
TERM. NO 41512-HP909
TERM. NO 41512-HP909
TERM. NO 41512-HP909
TERM. NO 41512-HP909
PLATING:
P909
PLATING:
P909
PLATING:
P909
PLATING:
P909
PLATING: P909
PLATING:
P909
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
22-42-4020
A-7720-A02HP909C
22-42-4021
A-7720-B02HP909C
22-42-4022
A-7720-C02HP909C
22-42-4023
A-7720-D02HP909C
22-42-4024
A-7720-E02HP909C
22-42-4025
A-7720-F02HP909C
22-42-4030
A-7720-A03HP909C
22-42-4031
A-7720-B03HP909C
22-42-4032
A-7720-C03HP909C
22-42-4033
A-7720-D03HP909C
22-42-4034
A-7720-E03HP909C
22-42-4035
A-7720-F03HP909C
22-42-4040
A-7720-A04HP909C
22-42-4041
A-7720-B04HP909C
22-42-4042
A-7720-C04HP909C
22-42-4043
A-7720-D04HP909C
22-42-4044
A-7720-E04HP909C
22-42-4045
A-7720-F04HP909C
22-42-4050
A-7720-A05HP909C
22-42-4051
A-7720-B05HP909C
22-42-4052
A-7720-C05HP909C
22-42-4053
A-7720-D05HP909C
22-42-4054
A-7720-E05HP909C
22-42-4055
A-7720-F05HP909C
22-42-4060
A-7720-A06HP909C
22-42-4061
A-7720-B06HP909C
22-42-4062
A-7720-C06HP909C
22-42-4063
A-7720-D06HP909C
22-42-4064
A-7720-E06HP909C
22-42-4065
A-7720-F06HP909C
22-42-4070
A-7720-A07HP909C
22-42-4071
A-7720-B07HP909C
22-42-4072
A-7720-C07HP909C
22-42-4073
A-7720-D07HP909C
22-42-4074
A-7720-E07HP909C
22-42-4075
A-7720-F07HP909C
22-42-4080
A-7720-A08HP909C
22-42-4081
A-7720-B08HP909C
22-42-4082
A-7720-C08HP909C
22-42-4083
A-7720-D08HP909C
22-42-4084
A-7720-E08HP909C
22-42-4085
A-7720-F08HP909C
22-42-4090
A-7720-A09HP909C
22-42-4091
A-7720-B09HP909C
22-42-4092
A-7720-C09HP909C
22-42-4093
A-7720-D09HP909C
22-42-4094
A-7720-E09HP909C
22-42-4095
A-7720-F09HP909C
22-42-4100
A-7720-A10HP909C
22-42-4101
A-7720-B10HP909C
22-42-4102
A-7720-C10HP909C
22-42-4103
A-7720-D10HP909C
22-42-4104
A-7720-E10HP909C
22-42-4105
A-7720-F10HP909C
22-42-4110
A-7720-A11HP909C
22-42-4111
A-7720-B11HP909C
22-42-4112
A-7720-C11HP909C
22-42-4113
A-7720-D11HP909C
22-42-4114
A-7720-E11HP909C
22-42-4115
A-7720-F11HP909C
22-42-4120
A-7720-A12HP909C
22-42-4121
A-7720-B12HP909C
22-42-4122
A-7720-C12HP909C
22-42-4123
A-7720-D12HP909C
22-42-4124
A-7720-E12HP909C
22-42-4125
A-7720-F12HP909C
22-42-4130
A-7720-A13HP909C
22-42-4131
A-7720-B13HP909C
22-42-4132
A-7720-C13HP909C
22-42-4133
A-7720-D13HP909C
22-42-4134
A-7720-E13HP909C
22-42-4135
A-7720-F13HP909C
22-42-4140
A-7720-A14HP909C
22-42-4141
A-7720-B14HP909C
22-42-4142
A-7720-C14HP909C
22-42-4143
A-7720-D14HP909C
22-42-4144
A-7720-E14HP909C
22-42-4145
A-7720-F14HP909C
22-42-4150
A-7720-A15HP909C
22-42-4151
A-7720-B15HP909C
22-42-4152
A-7720-C15HP909C
22-42-4153
A-7720-D15HP909C
22-42-4154
A-7720-E15HP909C
22-42-4155
A-7720-F15HP909C
22-42-4160
A-7720-A16HP909C
22-42-4161
A-7720-B16HP909C
22-42-4162
A-7720-C16HP909C
22-42-4163
A-7720-D16HP909C
22-42-4164
A-7720-E16HP909C
22-42-4165
A-7720-F16HP909C
22-42-4170
A-7720-A17HP909C
22-42-4171
A-7720-B17HP909C
22-42-4172
A-7720-C17HP909C
22-42-4173
A-7720-D17HP909C
22-42-4174
A-7720-E17HP909C
22-42-4175
A-7720-F17HP909C
22-42-4180
A-7720-A18HP909C
22-42-4181
A-7720-B18HP909C
22-42-4182
A-7720-C18HP909C
22-42-4183
A-7720-D18HP909C
22-42-4184
A-7720-E18HP909C
22-42-4185
A-7720-F18HP909C
22-42-4190
A-7720-A19HP909C
22-42-4191
A-7720-B19HP909C
22-42-4192
A-7720-C19HP909C
22-42-4193
A-7720-D19HP909C
22-42-4194
A-7720-E19HP909C
22-42-4195
A-7720-F19HP909C
22-42-4200
A-7720-A20HP909C
22-42-4201
A-7720-B20HP909C
22-42-4202
A-7720-C20HP909C
22-42-4203
A-7720-D20HP909C
22-42-4204
A-7720-E20HP909C
22-42-4205
A-7720-F20HP909C
22-42-4210
A-7720-A21HP909C
22-42-4211
A-7720-B21HP909C
22-42-4212
A-7720-C21HP909C
22-42-4213
A-7720-D21HP909C
22-42-4214
A-7720-E21HP909C
22-42-4215
A-7720-F21HP909C
22-42-4220
A-7720-A22HP909C
22-42-4221
A-7720-B22HP909C
22-42-4222
A-7720-C22HP909C
22-42-4223
A-7720-D22HP909C
22-42-4224
A-7720-E22HP909C
22-42-4225
A-7720-F22HP909C
22-42-4230
A-7720-A23HP909C
22-42-4231
A-7720-B23HP909C
22-42-4232
A-7720-C23HP909C
22-42-4233
A-7720-D23HP909C
22-42-4234
A-7720-E23HP909C
22-42-4235
A-7720-F23HP909C
22-42-4240
A-7720-A24HP909C
22-42-4241
A-7720-B24HP909C
22-42-4242
A-7720-C24HP909C
22-42-4243
A-7720-D24HP909C
22-42-4244
A-7720-E24HP909C
22-42-4245
A-7720-F24HP909C
22-42-4250
A-7720-A25HP909C
22-42-4251
A-7720-B25HP909C
22-42-4252
A-7720-C25HP909C
22-42-4253
A-7720-D25HP909C
22-42-4254
A-7720-E25HP909C
22-42-4255
A-7720-F25HP909C
22-42-4260
A-7720-A26HP909C
22-42-4261
A-7720-B26HP909C
22-42-4262
A-7720-C26HP909C
22-42-4263
A-7720-D26HP909C
22-42-4264
A-7720-E26HP909C
22-42-4265
A-7720-F26HP909C
22-42-4270
A-7720-A27HP909C
22-42-4271
A-7720-B27HP909C
22-42-4272
A-7720-C27HP909C
22-42-4273
A-7720-D27HP909C
22-42-4274
A-7720-E27HP909C
22-42-4275
A-7720-F27HP909C
22-42-4280
A-7720-A28HP909C
22-42-4281
A-7720-B28HP909C
22-42-4282
A-7720-C28HP909C
22-42-4283
A-7720-D28HP909C
22-42-4284
A-7720-E28HP909C
22-42-4285
A-7720-F28HP909C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com