Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0082285708 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0082285708
Description  1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 8 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0082285708 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0082285708 Datasheet HTML 1Page - Molex Electronics Ltd. 0082285708 Datasheet HTML 2Page - Molex Electronics Ltd. 0082285708 Datasheet HTML 3Page - Molex Electronics Ltd. 0082285708 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0082285708
Status:
Active
Description:
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned,
8 Circuits, Reel 30.48m (100.0' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR61126
UL
E61522
General
Product Family
Cable
Series
6800
Crimp Quality Equipment
Yes
Geographic Area
Asia
Product Name
Ribbon
Physical
Cable Length
30.48m (100.0' )
Circuits (Loaded)
8
Circuits (maximum)
8
Insulation
PVC
Packaging Type
Reel
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
28
Wire/Cable Type
(7x36) Stranded, Tinned
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
300V
Material Info
Old Part Number
6800-08-100B
Reference - Drawing Numbers
Sales Drawing
SD-6800-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
6800Series
Use With
70121 MX-50™ Slimline Ribbon Cable.
90584 Picoflex® PF-50 IDT Receptacle
This document was generated on 03/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0082285708

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0082285703 MOLEX3-0082285703 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 3 Circuits
0082285704 MOLEX3-0082285704 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082285705 MOLEX3-0082285705 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082285706 MOLEX3-0082285706 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082285707 MOLEX3-0082285707 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 7 Circuits
More results

Similar Description - 0082285708

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0082285714 MOLEX3-0082285714 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 14 Circuits
0082285718 MOLEX3-0082285718 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 18 Circuits
0082285707 MOLEX3-0082285707 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 7 Circuits
0082285710 MOLEX3-0082285710 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 10 Circuits
0082285734 MOLEX3-0082285734 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 34 Circuits
0082285723 MOLEX3-0082285723 Datasheet
304Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 23 Circuits
0082285727 MOLEX3-0082285727 Datasheet
304Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 27 Circuits
0082285713 MOLEX3-0082285713 Datasheet
304Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 13 Circuits
0082285746 MOLEX3-0082285746 Datasheet
304Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 46 Circuits
0082285725 MOLEX3-0082285725 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 25 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com