Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD31003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # CD31003
Description  BUTT SPLICE VERSAKRIMP TAPED (D-354T)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

CD31003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  CD31003 Datasheet HTML 1Page - Molex Electronics Ltd. CD31003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192150035
Status:
Active
Description:
BUTT SPLICE VERSAKRIMP TAPED (D-354T)
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19215
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt, VersaKrimp™
Physical
Barrel Type
Closed - Brazed
Insulation
None
Packaging Type
Adhesive Tape on Reel
Wire Size AWG
8
Material Info
Old Part Number
D-354T
Reference - Drawing Numbers
Sales Drawing
CD31003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19215Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable
Tool Kit used in ATP
presses that process
product on tape
0190270105
Crimp Dies for the
ATP-201™ Air
Crimping Press for
Mylar Tape Mounted
Terminals
0190472000
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - CD31003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CD31003 MOLEX4-CD31003 Datasheet
66Kb / 2P
VersaKrimp??Butt Splice for 3/0 AWG Wire
More results

Similar Description - CD31003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192150030 MOLEX4-0192150030 Datasheet
85Kb / 2P
BUTT SPLICE VERSAKRIMP TAPED (CS-346T)
0191540038 MOLEX4-0191540038 Datasheet
66Kb / 2P
BUTT SPLICE INSULKRIMP TAPED (CS-V-346XT
0192020051 MOLEX4-0192020051 Datasheet
109Kb / 3P
BUTT SPLICE NYLAKRIMP TAPED (CS-N-346T)
0191540006 MOLEX4-0191540006 Datasheet
94Kb / 2P
BUTT SPLICE INSULKRIMP TAPED (A-245XT)
0191540017 MOLEX4-0191540017 Datasheet
95Kb / 3P
BUTT SPLICE INSULKRIMP TAPED (B-231XT)
0192150115 MOLEX4-0192150115 Datasheet
87Kb / 2P
SEAMLESS BUTT SPLICE TAPED (BS-331T)
0192150046 MOLEX4-0192150046 Datasheet
72Kb / 3P
VersaKrimp??Butt Splice for 2 AWG Wire
0191540024 MOLEX4-0191540024 Datasheet
59Kb / 3P
BUTT SPLICE TAPED (BS-V-331XT
0192020035 MOLEX4-0192020035 Datasheet
109Kb / 3P
BUTT SPLICE TAPED (BS-N-331T)
0191540030 MOLEX4-0191540030 Datasheet
95Kb / 3P
BUTT SPLICE INSULKRIMP TAPED (C-246XT)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com