Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6664FP Datasheet(PDF) 5 Page - Rohm

Part # BA6664FP
Description  CD-ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6664FP Datasheet(HTML) 5 Page - Rohm

  BA6664FP Datasheet HTML 1Page - Rohm BA6664FP Datasheet HTML 2Page - Rohm BA6664FP Datasheet HTML 3Page - Rohm BA6664FP Datasheet HTML 4Page - Rohm BA6664FP Datasheet HTML 5Page - Rohm BA6664FP Datasheet HTML 6Page - Rohm BA6664FP Datasheet HTML 7Page - Rohm BA6664FP Datasheet HTML 8Page - Rohm BA6664FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
BA6664FP/BA6664FM
モータドライバ
(8) FR
出力(pin20)
(9)
ショートブレーキ(pin18)
(10)
ブレーキモード(pin16)
(11)
ゲインスイッチ(pin26)
20
VCC
Fig.8
30kΩ
FR信号出力
正転時
逆転時
L
H
注)抵抗値はTyp.値です。
Fig.9
10kΩ
500Ω
500Ω
13kΩ
18
1kΩ
5kΩ
12kΩ
5kΩ
100kΩ
30kΩ
1kΩ
26
5kΩ
56kΩ
Fig.11
注)抵抗値はTyp.値です。
15kΩ
16
10kΩ
Fig.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com