Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN5RG Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RN5RG
Description  VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RG Datasheet(HTML) 4 Page - RICOH electronics devices division

  RN5RG Datasheet HTML 1Page - RICOH electronics devices division RN5RG Datasheet HTML 2Page - RICOH electronics devices division RN5RG Datasheet HTML 3Page - RICOH electronics devices division RN5RG Datasheet HTML 4Page - RICOH electronics devices division RN5RG Datasheet HTML 5Page - RICOH electronics devices division RN5RG Datasheet HTML 6Page - RICOH electronics devices division RN5RG Datasheet HTML 7Page - RICOH electronics devices division RN5RG Datasheet HTML 8Page - RICOH electronics devices division RN5RG Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any
conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above
these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress
ratings only and do not necessarily imply functional operation below these limits.
RN5RG
3
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Symbol
1
GND
2VDD
3VOUT
4
EXT
5CE
•
SOT-23-5
12
3
54
(mark side)
Description
Ground Pin
Input Pin
Output Pin
External Transistor Drive Pin (Nch Open Drain Output)
Chip Enable Pin
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
VIN
Input Voltage
VCE
Input Voltage (CE Pin)
VEXT
EXT Output Voltage
IEXT
EXT Output Current
PD
Power Dissipation
Topt
Operating Temperature Range
Tstg
Storage Temperature Range
Tsolder
Lead Temperature (Soldering)
Rating
Unit
+12
V
– 0.3 to VIN+0.3
V
+12
V
50
mA
150
mW
– 40 to +85
˚C
– 55 to +125
˚C
260˚C,10s
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com