Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCAP-R Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MCAP-R
Description  M-Cap Wire Connector, Red, for 6-22 AWG Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

MCAP-R Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MCAP-R Datasheet HTML 1Page - Molex Electronics Ltd. MCAP-R Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191600197
Status:
Active
Description:
M-Cap Wire Connector, Red, for 6-22 AWG Wire
Agency Certification
UL
E32244
General
Product Family
Splices
Series
19160
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Wing Lock
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
Nylon (PA)
Packaging Type
Bag
Temperature Range - Operating
105°C
Wire Insulation Diameter
13.2mm (.52") max
Wire Size AWG
10, 12, 14, 16, 18, 20, 22, 24, 26, 6, 8
Wire Size mm²
16.80 - 0.40
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
MCAP-R
Reference - Drawing Numbers
Product Specification
PS-19160-001
Sales Drawing
SD-19160-004
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19160Series
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - MCAP-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MCAP-Y MOLEX4-MCAP-Y Datasheet
80Kb / 2P
M-Cap Wire Connector, Yellow, for 10-22 AWG Wire
More results

Similar Description - MCAP-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194180011 MOLEX4-0194180011 Datasheet
121Kb / 2P
MX150L??6 Circuit Receptacle for 18-22 AWG Wire
0192110003 MOLEX4-0192110003 Datasheet
104Kb / 2P
Krimptite??Wire Pin Terminal for 22-18 AWG Wire
0194190012 MOLEX4-0194190012 Datasheet
103Kb / 2P
MX150L??6 Circuit Plug for 18-22 AWG Wire
0191600196 MOLEX4-0191600196 Datasheet
80Kb / 2P
M-Cap Wire Connector, Yellow, for 10-22 AWG Wire
0192160011 MOLEX4-0192160011 Datasheet
89Kb / 2P
Ulimate Wire Tap, Red, 18-22 AWG (0.80" - .0.35mm
0192120003 MOLEX4-0192120003 Datasheet
102Kb / 2P
InsulKrimp??Wire Pin Terminal for 22-18 AWG Wire
19419-0012 MOLEX11-19419-0012 Datasheet
49Kb / 2P
MX150L 6 Circuit Plug for 18-22 AWG Wire
0194190012 MOLEX1-0194190012_18 Datasheet
42Kb / 2P
MX150L 6 Circuit Plug for 18-22 AWG Wire
logo
SparkFun Electronics
PRT-08023 SPARKFUN-PRT-08023 Datasheet
95Kb / 1P
Hook-up Wire - Red (22 AWG)
3/28/2017
PRT-08865 SPARKFUN-PRT-08865 Datasheet
97Kb / 1P
Hook-up Stranded Wire - Red (22 AWG)
3/28/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com