Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532K Datasheet(PDF) 21 Page - Sames

Part # SA2532K
Description  SINGLE CHIP TELEPHONE DEMO BOARD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532K Datasheet(HTML) 21 Page - Sames

Back Button SA2532K Datasheet HTML 17Page - Sames SA2532K Datasheet HTML 18Page - Sames SA2532K Datasheet HTML 19Page - Sames SA2532K Datasheet HTML 20Page - Sames SA2532K Datasheet HTML 21Page - Sames SA2532K Datasheet HTML 22Page - Sames SA2532K Datasheet HTML 23Page - Sames SA2532K Datasheet HTML 24Page - Sames SA2532K Datasheet HTML 25Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AN1500A
sames
sames
sames
sames
21/27
18.1 Quiescent current path
La -- R1 (determines on hook DC resistance) -- RB1 -- R15 -- VDD (C9 // D1)
VSS -- RB1 -- Lb
If the telephone is disconnected from line memories are not lost since C9 keeps charging VDD for a limited period of
time. The absolute time span depends on the quality (internal discharge) of C9 and the leakage resistance of D1.
In on-hook state the circuit is supplied by a very small current to maintain the retention of stored numbers and the
ringing melody
Frequency discrimination assures that the tone ringer is activated only when a valid ring signal is applied and not
when pulse dialing from a parallel telephone (false “bell-tinkle”).
19.1 Ringing frequency comparator
The ring signal is checked at pin FCI (#21) for a valid ringing frequency. As soon as a signal is applied to the line
the internal “ring frequency detector” will start, provided that the signal level at FCI is above the trigger threshold (
≈
2/3 VDD) . If the frequency is within the specified range the melody generator will send a bitstream out of MO (#8),
charging the piezo ringer via Q4 and discharging it via D5 and an internal high voltage transistor. As soon as a non-
valid or missing ring signal is detected, the bitstream is stopped and the circuit returns to standby.
Ringing signal path
La -- C1 -- R2 -- RB1 -- C8//D4 (charges piezo ringer supply) -- C8//D4 (charges VDD)
VSS -- RB1 -- Lb
another path exists from C1 -- D2 -- R3 to FCI // C2 // R4 for the ringing frequency detector input.
20 Oscillator input
A 3.58MHz ceramic resonator (recommended type MuRata CSA 3.58MHz ) must be connected at OSC (#11). The
parallel capacitor C10 is to trim the oscillation frequency (not required with the recommended resonator type).
The exact resonant frequency should not be measured at the OSC input directly, because the capacitive load of the
Oscilloscope probe will shift the oscillation frequency.
DTMF frequencies are derived from the resonant frequency, if these frequencies (see DTMF frequency standards
or data sheet) are not centered, the oscillator must be trimmed.
EMC (electromagnetic compatibility) and RFI (radio frequency interference) is a major concern in most PTT
approvals. And due to the upcoming digital networks (GSM, CDMA, DECT) also a feature which can be “heard” by
the user. Therefore it is a major headache for telephone designers, since EMC testing is generally done with
finished designs and failing EMC tests may result in adding expensive components, like coils, chokes etc.
Much can be done by considering EMC from the very beginning ! The most important factors are IC technology,
layout and placement of EMC blocking components:
21.1 Technology:
Due to SAMES unique CMOS technology the circuits show far less sensitivity to RFI than bipolar circuits which
makes EMC a much easier task.
21.2 Layout hints:
19 Ringing mode
21 EMC & RFI issues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com