Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9604 Datasheet(PDF) 2 Page - Sames

Part # PM9604
Description  THREE PHASE POWER/ENERGY METERING MODULE FOR SPI BUS AND PULSE OUTPUT DEVICES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9604 Datasheet(HTML) 2 Page - Sames

  PM9604 Datasheet HTML 1Page - Sames PM9604 Datasheet HTML 2Page - Sames PM9604 Datasheet HTML 3Page - Sames PM9604 Datasheet HTML 4Page - Sames PM9604 Datasheet HTML 5Page - Sames PM9604 Datasheet HTML 6Page - Sames PM9604 Datasheet HTML 7Page - Sames PM9604 Datasheet HTML 8Page - Sames PM9604 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PM9604/5AP
2/14
sames
Supply Voltage (Note 1)
V
AC
540
V
Storage Temperature
T
STG
-25
+125
°C
Operating Temperature (Note2)
T
O
-10
+70
°C
Note 1:
Voltages are specified with reference to Neutral.
Note 2:
The SA9604A and SA9605A integrated circuits are specified to operate over
the temperature range -10°C to +70°C. The module functionality will,
however, depend upon the external components used.
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification, is not implied.
Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(Over the temperature range -10°C to +70°C, unless otherwise specified. Power consumption
figures are applicable to the PM9604/5APE only.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Supply voltage (3 phase)
V
AC
180
230
265
V
PM9604/5APE
(Continuous)
90
115
138
V
PM9604/5APA
Output
Refer to applicable IC data sheet
Power consumption 1
2.4
W
V
DD = 5V
Note 1: Power consumption specifications exclude power consumed by the current
sensor.
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com