Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2005P Datasheet(PDF) 2 Page - Sames

Part # SA2005P
Description  Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005P Datasheet(HTML) 2 Page - Sames

  SA2005P Datasheet HTML 1Page - Sames SA2005P Datasheet HTML 2Page - Sames SA2005P Datasheet HTML 3Page - Sames SA2005P Datasheet HTML 4Page - Sames SA2005P Datasheet HTML 5Page - Sames SA2005P Datasheet HTML 6Page - Sames SA2005P Datasheet HTML 7Page - Sames SA2005P Datasheet HTML 8Page - Sames SA2005P Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
sames
sames
SA2005P
2/16
http://www.sames.co.za
ELECTRICAL CHARACTERISTICS
#
(V = 2.5V, V = -2.5V, over the temperature range -10°C to +70°C , unless otherwise specified.)
DD
SS
°C
V
µA
µA
T
O
V
DD
I
II
I
IV
-25
-25
-25
2.25
+25
+25
+85
2.75
Peak value
Peak value
I
= -2mA
OH
I
= 5mA
OL
Condition
Unit
Max
Typ
Min
Symbol
Parameter
V
V
SS
-2.75
-2.25
I
DD
16
15
mA
I
SS
16
15
mA
Pins RLOAD, TEST, SDA
Input High Voltage
Input Low Voltage
V
V
V
IH
V
IL
V-1
DD
V+1
SS
V
V
V
OH
V
OL
V-1
DD
V+1
SS
Pin SDA
Pull up current
With R = 24kW
connected to V
SS
Reference to V
SS
µA
V
45
1.1
55
1.3
-I
R
V
R
50
-I
IL
24
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
V -V
-0.3
6.0
V
DD
SS
Current on any pin
I
-150
+150
mA
PIN
Storage Temperature
T
-40
+125
°C
STG
Operating Temperature
T
-40
+85
°C
O
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
#Extended Operating Temperature Range available on request.
Operating temp. Range
Supply Voltage: Negative
Supply Voltage: Positive
Voltage Sensor Input (Asymmetrical)
Supply Current: Negative
Supply Current: Positive
Current Sensor Inputs (Differential)
Input Current Range
Input Current Range
Pin VREF
Ref. Current
Ref. Voltage
Digital I/O
Pins MOP, MON, LED, SCL,
PH/DIR, PH1, PH2, PH3
Output High Voltage
Output Low Voltage
54
µA
V = V
ISS
Pins TEST, RLOAD
Pull down current
I
IH
48
110
µA
V = V
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com