Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2007P Datasheet(PDF) 11 Page - Sames

Part # SA2007P
Description  Programmable Single Phase Energy Metering IC with Tamper Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2007P Datasheet(HTML) 11 Page - Sames

Back Button SA2007P Datasheet HTML 4Page - Sames SA2007P Datasheet HTML 5Page - Sames SA2007P Datasheet HTML 6Page - Sames SA2007P Datasheet HTML 7Page - Sames SA2007P Datasheet HTML 8Page - Sames SA2007P Datasheet HTML 9Page - Sames SA2007P Datasheet HTML 10Page - Sames SA2007P Datasheet HTML 11Page - Sames SA2007P Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
sames
sames
SA2007P
http://www.sames.co.za
Item
Description
Detail
SA2007P
DIP-20/SOIC-20
Parts List for Application Circuit: Figure 7
Note 1: Resistor (R10, R11, R12 and R13) values are dependent upon the selected value of R8 and R9
Note 2: See TYPICAL APPLICATION when selected the value of R8 and R9.
Note 3: Capacitor (C4) to be positioned as closed to Supply Pins (V
& V ) of U-1, as possible.
DD
SS
Note 4: Capacitor (C1) selected to minimize phase error introduced by current transformer (typically 1.5µF for normal CTs)
Symbol
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
U1
U2
D1
D2
D3
D4
LED1
LED2
LED3
LED4
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19
C1
C2
C3
C4
C5
C6
CT1
CT2
T1
U1
CNT1
TZ1
R1
AT24C01, or equivalent device
Diode, Silicon 1N4148
Diode, Silicon 1N4148
Diode, Silicon 1N4148
Diode, Silicon 1N4148
Light emitting diode, Green
Light emitting diode, Amber
Light emitting diode, Red
Light emitting diode, Green
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 10W, 2W, Wire wound
Resistor, 24k, 1/4W, 1%, metal
Resistor, 24k, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 1/4W, 1%, metal
Resistor, 1/4W, 1%, metal
Resistor, 1/4W, 1%, metal
Resistor, 1/4W, 1%, metal
Resistor, 1/4W, 1%, metal
Resistor, 1/4W, 1%, metal
Resistor, 1k, 1/4W
Resistor, 1k, 1/4W
Resistor, 1k, 1/4W
Resistor, 1k, 1/4W
Resistor, 1k, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 1%, metal
Capacitor
Capacitor, 220nF
Capacitor, 220nF
Capacitor, 820nF
Capacitor, 2200µF, 25V, electrolytic
Capacitor, 100µF, 16V, electrolytic
Current Transformer
Current Transformer
Transformer, 230V/9V
78LC05, Voltage regulator
Bipolar step motor
400V, Metal oxide varistor
Note 1
Note 1
Note 1
Note 1
Note 2
Note 2
Note 3
Note 4
or Similar
or Similar
or Similar
or Similar
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com