Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2007PSA Datasheet(PDF) 10 Page - Sames

Part # SA2007PSA
Description  Programmable Single Phase Energy Metering IC with Tamper Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2007PSA Datasheet(HTML) 10 Page - Sames

Back Button SA2007PSA Datasheet HTML 4Page - Sames SA2007PSA Datasheet HTML 5Page - Sames SA2007PSA Datasheet HTML 6Page - Sames SA2007PSA Datasheet HTML 7Page - Sames SA2007PSA Datasheet HTML 8Page - Sames SA2007PSA Datasheet HTML 9Page - Sames SA2007PSA Datasheet HTML 10Page - Sames SA2007PSA Datasheet HTML 11Page - Sames SA2007PSA Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
C1
C2
R1
R2
R3
R4
R5
R7
R8
R10
R11
C4
VSS
LIVE
NEUTRAL
LIVE
NEUTRAL
.1
1
2
3
4
5
6
CNT1
LED1
R14
VDD
LED2
R15
LED3
R16
LED4
R17
CT1
CT2
R12
R13
R9
R6
L
14V
+ C5
p
s
T1
Vin
1
Vout
3
U1
R18
R19
D1
D2
D3
D4
+
C6
A0
1
A1
2
A2
3
VSS
4
VCC
8
TEST
7
SCL
6
SDA
5
U2
24C01A
VDD
VSS
GND
TZ1
GND
VSS
IIP2
4
VREF
5
SDA
7
SCL
6
VDD
8
MON
9
TEST
10
IIN2
3
IIP1
2
IIN1
1
GND
20
IVP
19
DIRO
18
ELT
17
SEL1
16
RLOAD
15
VSS
14
LED
13
MOP
12
11
U3
DR-01596
VSS
VSS
VSS
C3
GND
GND
TCLK
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com