Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2531 Datasheet(PDF) 21 Page - Sames

Part # SA2531
Description  VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2531 Datasheet(HTML) 21 Page - Sames

Back Button SA2531 Datasheet HTML 16Page - Sames SA2531 Datasheet HTML 17Page - Sames SA2531 Datasheet HTML 18Page - Sames SA2531 Datasheet HTML 19Page - Sames SA2531 Datasheet HTML 20Page - Sames SA2531 Datasheet HTML 21Page - Sames SA2531 Datasheet HTML 22Page - Sames SA2531 Datasheet HTML 23Page - Sames SA2531 Datasheet HTML 24Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
sames
SA2531 A/B/C/E/G/U
21/24
SA2531A 600
-6/-8dBm
13-70
82
600
yes
274ms
2 sec
SA2531B 600
-9/-11dBm
13-70
82
280
yes
274ms
2 sec
SA2531C 1000
-6/-8dBm
13-70
82
280
no
3 sec
6 sec
SA2531D 1000 -9/-11dBm
20-60
82
280
no
3 sec
3 sec
Rx gain + 6dB, no VOL
SA2531E 600
-6/-8dBm
13-70
165
280
no
3 sec
3 sec
SA2531F 600
-6/-8dBm
13-70
82
280
yes
274 ms 2 sec
MF select (*) with tone
SA2531G 1000 -9/-11dBm
20-60
82
280
no
3 sec
3 sec
SA2531J 600
-6/-8dBm
13-70
82
600
yes
3 sec
3 sec
Mode pin: 10/20 pps
SA2531U 1000 -9/-11dBm
13-70
82
600
yes
3 sec
3 sec
Note 1:
The values are valid during automatic dialling and are minimum values during
manual dialling, i.e. the tones will continue as long as the key is depressed.
Note 2:
The rise time is the time from 10% of final value till the tone amplitude has reached
90% of its final value.
Note 3:
Relative to high group.
Note 4:
The FCI circuit is reset by POR and HS/DP pulled high (off-hook). After a reset the
FCI circuit is in a standby state. A positive edge on FCI will start a 73 ms timer and
the frequency discrimination is initiated. Whenever a period of the ring signal is
missing, the timer is reset. When a valid ring signal is present for
≥ 73 ms, the
melody generator is started and is directly controlled by the ring signal. This
condition will remain until a new reset.
Note 5:
This does not include the frequency deviation of the ceramic resonator.
Reminder Tone
V
RT
Level (RO1/RO2)
Relative to LS
-30
dBr
t
RTD
Duration
82.3
ms
t
RTI
Interval
3
sec
Comfort Tone (DTMF)
V
CT
Level (RO1/RO2)
Relative to LS
-30
dBr
AC Characteristics Cont'd
Symbol Parameter
Conditions
Min
Typ
Max
Units
Note 6:
-37 dBm at 4.3 kHz and decreasing 12 dB/octave till 28 kHz.
Ordering information:
Versions
ZRL
DTMF
FCI
ITP
R2
Flash in
Flash Access
Remarks
(W)
Level
(Hz)
(ms)
(ms)
LD Mode
Pause Pause
Package styles:
DIP "P"
SOIC "S"
PLCC "F"
Example:
SA2531U in PLCC Package = SA2531UAFA
Application support:
For application support, contact your nearest SAMES Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com