Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0311000040 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0311000040
Description  H-DAC 64??2.54mm (.100") 4 Way Right Angle Header Assembly, Polarization A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0311000040 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0311000040 Datasheet HTML 1Page - Molex Electronics Ltd. 0311000040 Datasheet HTML 2Page - Molex Electronics Ltd. 0311000040 Datasheet HTML 3Page - Molex Electronics Ltd. 0311000040 Datasheet HTML 4Page - Molex Electronics Ltd. 0311000040 Datasheet HTML 5Page - Molex Electronics Ltd. 0311000040 Datasheet HTML 6Page - Molex Electronics Ltd. 0311000040 Datasheet HTML 7Page - Molex Electronics Ltd. 0311000040 Datasheet HTML 8Page - Molex Electronics Ltd. 0311000040 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical
Current - Maximum per Contact
5A, 7A
Voltage - Maximum
500V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-31067-100
Packaging Specification
PK-31300-577
Product Specification
PS-31100-0001
Sales Drawing
SD-31197-003
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com