Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532AS Datasheet(PDF) 4 Page - Sames

Part # SA2532AS
Description  VERSATILE SINGLE CHIP TELEPHONE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532AS Datasheet(HTML) 4 Page - Sames

  SA2532AS Datasheet HTML 1Page - Sames SA2532AS Datasheet HTML 2Page - Sames SA2532AS Datasheet HTML 3Page - Sames SA2532AS Datasheet HTML 4Page - Sames SA2532AS Datasheet HTML 5Page - Sames SA2532AS Datasheet HTML 6Page - Sames SA2532AS Datasheet HTML 7Page - Sames SA2532AS Datasheet HTML 8Page - Sames SA2532AS Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4/22
SA2532
sames
Receive
The receive input is the differential signal of RI and STB. The gain of the receive path is
2 dB (test circuit figure 5) with differential outputs, RO1/RO2 (0dB on SA2532C/U). When
mute is active during dialling the gain is reduced by > 60dB. During DTMF dialling a MF
comfort tone is applied to the receiver. The comfort tone is the DTMF signal with a level
that is -30dB relative to the line signal.
Side Tone
Side Tone is controlled along with Return Loss by a Double Balance Bridge as shown in
Fig. 1.
Figure 1
Double balance bridge (return loss and side tone) with one common ground
A good side tone cancellation is achieved by using the following equation:
ZBAL
=
R5
ZLINE
R1
The side tone cancellation signal is applied to the STB input.
Line Loss Compensation
When Line Loss Compensation is active the gain of the Transmit and Receive amplifiers
are changed by 6dB in accord with the DC conditions as measured at Pins LI and LS.
When the LLC Pin is Low this adjustment in gain occurs over the range I
LINE = 20 to 50 mA.
When LLC is High the range is 45 to 75mA. Note that these figures apply for R1 = R30
Ω.
When the LLC Pin is open the amplifier gains remain fixed regardless of the Line Current.
ONE COMMON GROUND
DR-00708
RETURN LOSS
LINE
VSS
R2
R1
RI
SIDE TONE
R5
STB
SYN
LI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com