Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532P Datasheet(PDF) 17 Page - Sames

Part # SA2532P
Description  ONE MEMORY SINGLE CHIP TELEPHONE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532P Datasheet(HTML) 17 Page - Sames

Back Button SA2532P Datasheet HTML 13Page - Sames SA2532P Datasheet HTML 14Page - Sames SA2532P Datasheet HTML 15Page - Sames SA2532P Datasheet HTML 16Page - Sames SA2532P Datasheet HTML 17Page - Sames SA2532P Datasheet HTML 18Page - Sames SA2532P Datasheet HTML 19Page - Sames SA2532P Datasheet HTML 20Page - Sames SA2532P Datasheet HTML 21Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
SA2532P
17 /21
sames
sames
sames
sames
AC Characteristics (contd) (ILINE = 20mA; f=800Hz unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ZIN
VIN RI
Input Impedance
(RI)
Input Voltage
Range(RI)
8
2
k
Ω
VPEAK
ST
AST
VIN ST
ZIN
Sidetone
Sidetone
Cancellation
Input Voltage
Range (STB)
Input Impedance
(STB)
Test Circuit Fig.5
VRI
≤0.5 V
RMS
26
2
80
dB
VPEAK
k
Ω
tD
Keyboard
Key Debounce
Time
15
ms
tHS_L
tHS_H
HS Input
Low to High
Debounce
High to Low
Debounce
Going off-hook
Line breaks/on-hook
15
240
ms
ms
∆F
DTMF
Frequency
deviation
Note 5
1.2
%
VMF
MF Tone
Level(Low group)
-9.5
-8
-6.5
dB
VL-H
Preemphasis Low
to High
2.0
2.6
3.0
dB
THD
Distortion
Note 3
-30
dBr
tTD
tITP
Tone Duration
Inter Tone Pause
Note 1
Note 1
80
80
82.3
82.3
85
85
ms
ms
tTR
tTF
Tone Rise Time
Tone Fall Time
Note 2
Note 2
5
5
ms
ms
tDR
tM/R
LD
Dial Rate
tolerance
Make/Break
Period
±5%, MODE=low
±5%, MODE=high
10
40/60
33/66
5
pps
%
ms
ms
tPDP
tIDP
tMO
Pre-Digit Pause
Inter Digit Pause
Mute Overhang
800
35
840
156
880
ms
ms
ms
tFD1
tFD2
tPFP
Flash Duration 1
Flash Duration 2
Post Flash Pause
100
270
274
102
276
ms
ms
ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com