Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532CS Datasheet(PDF) 17 Page - Sames

Part # SA2532CS
Description  VERSATILE SINGLE CHIP TELEPHONE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532CS Datasheet(HTML) 17 Page - Sames

Back Button SA2532CS Datasheet HTML 13Page - Sames SA2532CS Datasheet HTML 14Page - Sames SA2532CS Datasheet HTML 15Page - Sames SA2532CS Datasheet HTML 16Page - Sames SA2532CS Datasheet HTML 17Page - Sames SA2532CS Datasheet HTML 18Page - Sames SA2532CS Datasheet HTML 19Page - Sames SA2532CS Datasheet HTML 20Page - Sames SA2532CS Datasheet HTML 21Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
sames
SA2532
17/22
AC Characteristics Cont'd
Symbol Parameter
Conditions
Min
Typ
Max
Units
t
TR
Tone Rise Time
Note 2
5
ms
t
TF
Tone Fall Time
Note 2
5
ms
LD
t
DR
Dial Rate
±5%
10
pps
t
M/B
Make/Break Period
±5%, MODE=low
40.8/61.2
ms
±5%, MODE=high
33/66
ms
t
PDP
Pre-Digit Pause
35
ms
t
IDP
Inter Digit Pause
800
840
880
ms
t
MO
Mute Overhang
t
M
t
FD
Flash Duration 1
100
102
ms
Flash Duration 2
SA2532A/C
270
300
ms
Flash Duration 2
SA2532U
600
650
ms
t
PFP
Post Flash Pause
2.9
3.0
3.1
sec.
t
AP
Access Pause Period
SA2532A/U
2.9
3.0
3.1
sec
SA2532C
5.8
6.0
6.2
sec
Tone Ringer
V
MO
Melody Output Level
PDM
t
MD
Melody Delay
10
ms
F1
Frequency 1
1020
1064
1107
Hz
F2
Frequency 2
1363
1420
1477
Hz
F3
Frequency 3
1665
1734
1803
Hz
t
DT
Detection Time
Initial
70
80
ms
t
TO
Detection Time-out
note 4
ms
f
MIN
Min. Detection Frequency
19
20
21
Hz
f
MIN
Min. Detection Frequency
Optionally
12
13
14
Hz
f
MAX
Max. Detection Frequency
58
59
60
Hz
Reminder Tone
V
RT
Level (RO1/RO2)
Relative to LS
-30
dBr
t
RTD
Duration
82.3
ms
t
RTI
Interval
3
sec
Comfort Tone (DTMF)
V
CT
Level (RO1/RO2)
Relative to LS
-30
dBr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com