Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMCT-57T Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # AMCT-57T
Description  Avikrimp?줢uick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

AMCT-57T Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  AMCT-57T Datasheet HTML 1Page - Molex Electronics Ltd. AMCT-57T Datasheet HTML 2Page - Molex Electronics Ltd. AMCT-57T Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190250003
Status:
Active
Description:
Avikrimp™Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab
4.75mm (.187") x 0.51mm (.020")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19025
Comments
Funnel Ferrule Entry
Crimp Quality Equipment
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-2
Gender
Male
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Material - Resin
Nylon
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
6.30mm (.248") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
AMCT-57T
Reference - Drawing Numbers
Sales Drawing
SD-19025-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19025Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880004
Mini-Mac™
Applicator
0638853300
This document was generated on 04/13/2010


Similar Part No. - AMCT-57T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AMCT-57 MOLEX4-AMCT-57 Datasheet
130Kb / 2P
Avikrimp??Quick Disconnect for 18-22 AWG Wire, Male, 4.75mm (.187") x 0.51mm(.020") Tab
More results

Similar Description - AMCT-57T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190010005 MOLEX3-0190010005 Datasheet
121Kb / 3P
Avikrimp Quick Disconnect, Male, for 18-22 (0.80-0.35), Mylar Tape, Tab 4.75mm (.187") x 0.51mm (.020")
0190060007 MOLEX4-0190060007 Datasheet
76Kb / 2P
Flag Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal Strip, Tab4.75mm (.187") x 0.51mm (.020
0190160008 MOLEX4-0190160008 Datasheet
114Kb / 2P
Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190060006 MOLEX4-0190060006 Datasheet
76Kb / 2P
Flag Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape,Tab 4.75mm (.187") x 0.51mm (.020"||" "368234
Compression Style Ring Tongue Terminal for 8 AWG W
0190190011 MOLEX4-0190190011 Datasheet
238Kb / 3P
Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190230004 MOLEX4-0190230004 Datasheet
125Kb / 2P
InsulKrimp??Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190190003 MOLEX4-0190190003 Datasheet
239Kb / 3P
Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110") x 0.51mm (.020")
0190220009 MOLEX4-0190220009 Datasheet
87Kb / 2P
Krimptite??Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190030013 MOLEX4-0190030013 Datasheet
223Kb / 3P
InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35), Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190030016 MOLEX4-0190030016 Datasheet
177Kb / 3P
InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35), Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com