Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA589 Datasheet(PDF) 2 Page - Sames

Part # SA589
Description  LD/DTMF SWITCHABLE DIALLERS WITH DEDICATED KEYS FOR 20 MEMORIES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA589 Datasheet(HTML) 2 Page - Sames

  SA589 Datasheet HTML 1Page - Sames SA589 Datasheet HTML 2Page - Sames SA589 Datasheet HTML 3Page - Sames SA589 Datasheet HTML 4Page - Sames SA589 Datasheet HTML 5Page - Sames SA589 Datasheet HTML 6Page - Sames SA589 Datasheet HTML 7Page - Sames SA589 Datasheet HTML 8Page - Sames SA589 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SA589 FAMILY
sames
2/14
Pin
Pin
number
name
1
NC
Not connected
3
IMP
'Loop disconnect' dialling output
4
SELECT
LD/DTMF selection, IDP and B/M ratio programming
5
MASK
Output to disable speech circuit during pulse dialling and recall
(see note 1)
6
OSC OUT
Connections for 560kHz ceramic resonator
7
OSC IN
8
FILT IN
Unity gain amplifier input and output for DTMF tone filtering
9
FILT OUT
10
HSW
Hookswitch input - a logic 1 at this pin is used to indicate 'Off-
Hook'
11
V
SS
Negative supply
12
V
DD
Positive supply
13
PAUSE OUT Active high indicating a pause when dialling from memory
17
MF OUT
Unfiltered DTMF output
18
MUTE
Output active during keying and tone transmission (see note 2)
19
COL1
20
COL2
21
COL3
26
COL4
27
COL5
2
COL6
16
COL7
22
ROW1
Connections for 38 key single contact keypad
23
ROW2
24
ROW3
25
ROW4
14
ROW 5
15
ROW 6
28
ROW 7
1.
MASK may be used to disconnect the whole speech circuit in order to maintain the break
condition whilst on-hook and during a TBR (Timed Flash) operation.
2.
MUTE is provided to disable the microphone while maintaining the loop during DTMF
transmission.
OPERATION
Power-on
When power is applied to the chip, a power-on reset circuit operates and ensures that the
Memories are cleared and all logic is reset. The power-on reset circuit is designed such that
if the chip supply voltage drops to a level at which the memories may be corrupted, it will
always, under all conditions, clear the memory, so that corrupt data is not retained.
Function
TABLE 1:
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com