Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2979CT Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # WM2979CT
Description  MX150L??Female Terminal for 14-16 AWG Wire, Tin Plated, Metal Strip Carrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

WM2979CT Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  WM2979CT Datasheet HTML 1Page - Molex Electronics Ltd. WM2979CT Datasheet HTML 2Page - Molex Electronics Ltd. WM2979CT Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194200001
Status:
Active
Overview:
mx150l_sealed_connector_system
Description:
MX150L™ Female Terminal for 14-16 AWG Wire, Tin Plated, Metal Strip Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19417-001 (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Crimp Terminals
Series
19420
Comments
UL EI52602
Crimp Quality Equipment
Yes
Overview
mx150l_sealed_connector_system
Product Literature Order No
987650-2181
Product Name
MX150L™
Physical
Flammability
94V-0
Gender
Female
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
75.2
Plating min: Mating (µm)
1.88
Plating min: Termination (µin)
75.2
Plating min: Termination (µm)
1.88
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.87 -3.53mm (.113-.139")
Wire Size AWG
14, 16
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-19417-001
Sales Drawing
SD-19420-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19420Series
Mates With
19417
Use With
19418
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0638114400
FineAdjust™
Applicator for
ML150L™ Male and
Female Terminals for
14-16 AWG Wire
0639008200


Similar Part No. - WM2979CT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM2970TR MOLEX4-WM2970TR Datasheet
98Kb / 3P
VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
WM2970TR-ND MOLEX4-WM2970TR-ND Datasheet
98Kb / 3P
VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
More results

Similar Description - WM2979CT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194200002 MOLEX4-0194200002 Datasheet
121Kb / 3P
MX150L??Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200009 MOLEX4-0194200009 Datasheet
119Kb / 3P
MX150L??Female Terminal for 14-16 AWG Wire, Tin Plated
0194170025 MOLEX1-0194170025_18 Datasheet
36Kb / 1P
MX150L Male Terminal for 14-16 AWG Wire, Metal Strip Carrier, Length 25.40mm
0194170029 MOLEX1-0194170029_18 Datasheet
29Kb / 1P
MX150L Male Terminal for 14-16 AWG Wire, Length 26.16mm , Metal Strip Carrier
0194200001 MOLEX1-0194200001_18 Datasheet
36Kb / 1P
MX150L Female Terminal for 14-16 AWG Wire, Tin Plated, Metal Strip Carrier
0194200002 MOLEX1-0194200002_18 Datasheet
36Kb / 1P
MX150L Female Terminal for 18-22 AWG Wire, Tin Plated, Metal Strip Carrier
0194200003 MOLEX1-0194200003_18 Datasheet
36Kb / 1P
MX150L Female Terminal for 14-16 AWG Wire, Gold Plated, Metal Strip Carrier
0194200004 MOLEX1-0194200004_18 Datasheet
36Kb / 1P
MX150L Female Terminal for 18-22 AWG Wire, Gold Plated, Metal Strip Carrier
0194200009 MOLEX1-0194200009_18 Datasheet
34Kb / 1P
MX150L Female Terminal for 14-16 AWG Wire, Tin Plated
0194340002 MOLEX1-0194340002_18 Datasheet
34Kb / 1P
MX150L Female Terminal for 8 AWG Wire, Metal Strip Carrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com