Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9103EPA Datasheet(PDF) 2 Page - Sames

Part # SA9103EPA
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103EPA Datasheet(HTML) 2 Page - Sames

  SA9103EPA Datasheet HTML 1Page - Sames SA9103EPA Datasheet HTML 2Page - Sames SA9103EPA Datasheet HTML 3Page - Sames SA9103EPA Datasheet HTML 4Page - Sames SA9103EPA Datasheet HTML 5Page - Sames SA9103EPA Datasheet HTML 6Page - Sames SA9103EPA Datasheet HTML 7Page - Sames SA9103EPA Datasheet HTML 8Page - Sames SA9103EPA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SA9103E
sames
2/14
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD -VSS
-0.3
6.0
V
Current on any pin
I
PIN
-150
+150
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
-40
+85
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other condition above those indicated in the operational sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
OSC
OSC1
ACTIVE
ENERGY
VOLTAGE
REF.
ANALOG
SIGNAL
PROCE-
SSING
DR-00918
GND
IVP
VREF
IIN
IIP
SERIAL
INTERFACE
TIMING
OSC2
DD
V
V SS
SIN
SOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com