Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9103ESA Datasheet(PDF) 8 Page - Sames

Part # SA9103ESA
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103ESA Datasheet(HTML) 8 Page - Sames

Back Button SA9103ESA Datasheet HTML 4Page - Sames SA9103ESA Datasheet HTML 5Page - Sames SA9103ESA Datasheet HTML 6Page - Sames SA9103ESA Datasheet HTML 7Page - Sames SA9103ESA Datasheet HTML 8Page - Sames SA9103ESA Datasheet HTML 9Page - Sames SA9103ESA Datasheet HTML 10Page - Sames SA9103ESA Datasheet HTML 11Page - Sames SA9103ESA Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SA9103E
sames
8/14
6.
Register Values
The active energy measured per count, may be calculated by applying the following
formula:
Energy per Count =
VI
K
When
V
=
Rated Voltage
I
=
Rated Current
K
=
9281 for Active Energy
TYPICAL APPLICATIONS
In the Application Circuits (Figures 1 and 2) the components required for power metering
applications, are shown.
In Figure 1, a shunt resistor is used for current sensing. In this application, the circuitry
requires a +2.5V, 0V, -2.5V DC supply.
In the case of Figure 2, when using a current transformer for current sensing, a +5V, 0V
DC supply is sufficient for the circuit.
The most important external components for the SA9103E integrated circuit are:
C
1 and C2 are the outer loop capacitors for the two integrated oversampling A/D
converters. The value of these capacitors is 560pF. The actual values determine the
signal to noise and stability performance. The tolerances should be within ±10%.
C
3 and C4 are the inner loop capacitors of the A/D converters. The optimum value is 3.3nF.
The actual values are uncritical. Values smaller than 0.5nF and larger than 5nF should
be avoided.
R
1, R2 and RSH are the resistors defining the current level into the current sense input.
The values should be selected for an input current of 16µA into the SA9103E at maximum
line current.
Values for RSH of less than 200µ
Ω should be avoided.
R
1 = R2 = (IL/16µA) * RSH/2
Where
I
L
= Line current
RSH
= Shunt resistor/termination resistor
R
3, R6 and R4 set the current for the voltage sense input. The values should be selected
so that the input current into the voltage sense input (virtual ground) is set to 14µA.
R
7 defines all on-chip bias and reference currents. With R7 = 24kΩ, optimum conditions
are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com