Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9105FFA Datasheet(PDF) 4 Page - Sames

Part # SA9105FFA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105FFA Datasheet(HTML) 4 Page - Sames

  SA9105FFA Datasheet HTML 1Page - Sames SA9105FFA Datasheet HTML 2Page - Sames SA9105FFA Datasheet HTML 3Page - Sames SA9105FFA Datasheet HTML 4Page - Sames SA9105FFA Datasheet HTML 5Page - Sames SA9105FFA Datasheet HTML 6Page - Sames SA9105FFA Datasheet HTML 7Page - Sames SA9105FFA Datasheet HTML 8Page - Sames SA9105FFA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SA9105F
sames
4/12
PIN DESCRIPTION
Pin
Pin
PLCC
DIP
6
35
GND
Ground
42
28
V
DD
Positive Supply Voltage
29
16
V
SS
Negative Suply Voltage
5
34
IVP1
Analog input for Voltage : Phase 1
4
33
IVP2
Analog input for Voltage : Phase 2
3
32
IVP3
Analog input for Voltage : Phase 3
18
6
IIN1
Inputs for current sensor : Phase 1
19
7
IIP1
20
8
IIN2
Inputs for current sensor : Phase 2
21
9
IIP2
22
10
IIN3
Inputs for current sensor : Phase 3
23
11
IIP3
32
19
OSC1
Connections for crystal or ceramic resonator
33
20
OSC2
(OSC1 = Input ; OSC2 = Output)
35
21
FOUT1
Pulse rate outputs
37
23
FOUT2
39
25
DIR
Direction indication output
9
38
CON1
Connections for outer loop capacitors of A/D
10
39
COP1
converters
8
37
CON2
7
36
COP2
1
30
CON3
2
31
COP3
26
13
CONP
25
12
COPP
13
1
CIN1
Connections for inner loop capacitors of A/D
11
40
CIP1
converters
15
3
CIN2
14
2
CIP2
17
5
CIN3
16
4
CIP3
28
15
CINP
27
14
CIPP
43
29
VREF
Connection for current setting resistor
41
27
TP27
Test pin. Connect to V
SS
30
17
TP17
Manufacturer's test pins (Leave unconnected)
31
18
TP18
36
22
TP22
38
24
TP24
40
26
TP26
Designation
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com