Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9602ESA Datasheet(PDF) 7 Page - Sames

Part # SA9602ESA
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602ESA Datasheet(HTML) 7 Page - Sames

Back Button SA9602ESA Datasheet HTML 3Page - Sames SA9602ESA Datasheet HTML 4Page - Sames SA9602ESA Datasheet HTML 5Page - Sames SA9602ESA Datasheet HTML 6Page - Sames SA9602ESA Datasheet HTML 7Page - Sames SA9602ESA Datasheet HTML 8Page - Sames SA9602ESA Datasheet HTML 9Page - Sames SA9602ESA Datasheet HTML 10Page - Sames SA9602ESA Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SA9602E
sames
7/14
The output on pin FOUT is a pulse density signal representing the instantaneous power/
energy measurement. The minimum timing characteristics are shown in the following
diagram.
TYPICAL APPLICATIONS
In the Application Circuits (Figures 1 and 2), the components required for power metering
applications, are shown.
In Figure 1 a shunt resistor is used for current sensing. In this application, the circuitry
requires a +2.5V, 0V, -2.5V DC supply.
In the case of Figure 2, when using a current transformer for current sensing, a +5V, 0V
DC supply is sufficient.
The most important external components for the SA9602E integrated circuit are:
R
2, R1 and RSH are the resistors defining the current level into the current sense input. The
values should be selected for an input current of 16µA
RMS into the SA9602E at maximum
line current.
Values for RSH of less than 200µ
Ω should be avoided.
R
1 = R2 = (IL/16µARMS) * RSH/2
Where
I
L
=
Line current
RSH
=
Shunt resistor/termination resistor
R
3, R6 and R4 set the current for the voltage sense input. The values should be selected
so that the input current into the voltage sense input (virtual ground) is set to 14µA
RMS.
R
7 defines all on-chip bias and reference currents. With R7 = 24kΩ, optimum conditions
are set. R
7 may be varied within ±10% for calibration purposes. Any change to R7 will affect
the output quadratically (i.e.: R
7 = +5%, fP = +10%).
The formula for calculating the output frequency is given below:
f = 11.16 * FOUTX *
FOSC
*
I
I .IV
3.58MHz
I
R
2
Where FOUTX
= Normal rated frequency (4Hz or 1160Hz)
71us min.
DR-01151
71us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com